Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP16GJ Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części OP16GJ
Szczegółowy opis  MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

OP16GJ Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OP16GJ Datasheet HTML 2Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 3Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 4Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 5Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 6Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 7Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 8Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 9Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89543
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/ 2/ 3/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Common-mode 4/
rejection ratio
CMRR
VCM = IVR = ±10.5 V
1
01,02,
04
86
dB
VCM = IVR = ±10.4 V
2,3
85
VCM = IVR = ±10.3 V
1
03
82
VCM = IVR = ±10.25 V
2,3
80
Output voltage swing 4/
VO
RL ≥ 2 kΩ
4
All
±11.0
V
RL ≥ 10 kΩ
5,6
±12.0
Large-signal voltage
gain
AVO
VO = ±10 V, RL ≥ 2 kΩ
4
01,04
100.0
V/mV
5,6
35.0
M,D,P,L,R
4
04
50.0
4
02
75.0
5,6
30.0
4
03
50.0
5,6
25.0
Supply current
IS
VO = 0 V
1
01,02,
04
7.0
mA
2,3
11.0
M,D,P,L,R
1
04
7.0
1
03
8.0
2,3
12.0
Power supply rejection
ratio
PSRR
VS = ±10 V to ±18 V
1
01,02
86
dB
2,3
85
VS = ±10 V to ±15 V
1
03
82
2,3
80
See footnotes at end of table.


Podobny numer części - OP16GJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
OP16GN8 ETC-OP16GN8 Datasheet
173Kb / 14P
   Add device type 04 for device class V and radiation hardened requirements
More results

Podobny opis - OP16GJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
5962-8853801VGA ETC2-5962-8853801VGA Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com