Zakładka z wyszukiwarką danych komponentów |
|
OP-227AJ Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers |
|
OP-227AJ Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 9 page STANDARD MICROCIRCUIT DRAWING SIZE A 5962-86887 DLA LAND AND MARITIME COLUMBUS, OHIO 43218-3990 REVISION LEVEL SHEET 8 DSCC FORM 2234 APR 97 4.3.2 Groups C and D inspections. a. End-point electrical parameters shall be as specified in table II herein. b. Steady-state life test conditions, method 1005 of MIL-STD-883. (1) Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision level control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of MIL-STD-883. (2) TA = +125°C, minimum. (3) Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883. 5. PACKAGING 5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535, appendix A. 6. NOTES 6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications (original equipment), design applications, and logistics purposes. 6.2 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor- prepared specification or drawing. 6.3 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal. 6.4 Record of users. Military and industrial users shall inform DLA Land and Maritime when a system application requires configuration control and the applicable SMD to that system. DLA Land and Maritime will maintain a record of users and this list will be used for coordination and distribution of changes to the drawings. Users of drawings covering microelectronics devices (FSC 5962) should contact DLA Land and Maritime -VA, telephone (614) 692-0547. 6.5 Comments. Comments on this drawing should be directed to DLA Land and Maritime -VA, Columbus, Ohio 43218- 3990, or telephone (614) 692-0540. 6.6 Approved sources of supply. Approved sources of supply are listed in MIL-HDBK-103. The vendors listed in MIL- HDBK-103 have agreed to this drawing and a certificate of compliance (see 3.6 herein) has been submitted to and accepted by DLA Land and Maritime -VA. |
Podobny numer części - OP-227AJ |
|
Podobny opis - OP-227AJ |