Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS131E06 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS131E06
Szczegółowy opis  Analog Front-End for Power Monitoring, Control, and Protection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131E06 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS131E06 Datasheet HTML 1Page - Texas Instruments ADS131E06 Datasheet HTML 2Page - Texas Instruments ADS131E06 Datasheet HTML 3Page - Texas Instruments ADS131E06 Datasheet HTML 4Page - Texas Instruments ADS131E06 Datasheet HTML 5Page - Texas Instruments ADS131E06 Datasheet HTML 6Page - Texas Instruments ADS131E06 Datasheet HTML 7Page - Texas Instruments ADS131E06 Datasheet HTML 8Page - Texas Instruments ADS131E06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
EMI
Filters
and
Input
MUX
Control
and
SPI Interface
Voltage
Reference
Oscillator
Fault
Detection
Test
Device
Current
Sensing
Line A
Voltage
Sensing
Channel 1
Channel 2
Channel 3
PGA
û
ADC
PGA
û
ADC
PGA
û
ADC
Current
Sensing
Voltage
Sensing
Current
Sensing
Voltage
Sensing
Current
Sensing
Voltage
Sensing
PGA
û
ADC
PGA
û
ADC
PGA
û
ADC
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
PGA
û
ADC
PGA
û
ADC
Line B
Line C
Line N
Op
Amp
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
Analog Front-End for Power Monitoring, Control, and Protection
Check for Samples: ADS131E04, ADS131E06 , ADS131E08
The ADS131E0x incorporate features commonly
1
FEATURES
required in industrial power monitoring, control, and
23
Eight Differential Current and Voltage Inputs
protection applications. The ADS131E0x inputs can
Outstanding Performance:
be independently and directly interfaced with a
resistor-divider network or a transformer to measure
Exceeds Class 0.1 Performance
voltage. The inputs can also be interfaced to a
Dynamic Range at 1 kSPS: 118 dB
current transformer or Rogowski coil to measure
Crosstalk: –110 dB
current. With high integration levels and exceptional
performance, the ADS131E0x family enables the
THD: –90 dB at 50 Hz and 60 Hz
creation of scalable industrial power systems at
Supply Range:
significantly reduced size, power, and low overall
Analog:
cost.
+3 V to +5 V (Unipolar)
The ADS131E0x have a flexible input multiplexer per
±2.5 V (Bipolar, allows dc coupling)
channel that can be independently connected to the
internally-generated signals for test, temperature, and
Digital: +1.8 V to +3.6 V
fault detection. Fault detection can be implemented
Low Power: 2 mW per Channel
internal
to
the
device,
using
the
integrated
Data Rates: 1, 2, 4, 8, 16, 32, and 64 kSPS
comparators with digital-to-analog converter (DAC)-
controlled trigger levels. The ADS131E0x can operate
Programmable Gains (1, 2, 4, 8, and 12)
at data rates as high as 64 kSPS.
Fault Detection and Device Testing Capability
These complete analog front-end (AFE) solutions are
SPI™ Data Interface and Four GPIOs
packaged in a TQFP-64 package and are specified
Package: TQFP-64 (PAG)
over the industrial temperature range of –40°C to
Operating Temperature Range:
+105°C.
–40°C to +105°C
APPLICATIONS
Industrial Power Applications:
Energy Metering
Monitoring, Control, and Protection
DESCRIPTION
The ADS131E0x are a family of multichannel,
simultaneous sampling, 24- and 16-bit, delta-sigma
(
ΔΣ), analog-to-digital converters (ADCs) with a built-
in
programmable
gain
amplifier
(PGA),
internal
reference, and an onboard oscillator.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS131E06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS131E06 TI1-ADS131E06 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E06 TI1-ADS131E06 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E06IPAG TI1-ADS131E06IPAG Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E06IPAGR TI1-ADS131E06IPAGR Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results

Podobny opis - ADS131E06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131A02 TI1-ADS131A02_16 Datasheet
1Mb / 85P
[Old version datasheet]   2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com