Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS131E06IPAGR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS131E06IPAGR
Szczegółowy opis  Analog Front-End for Power Monitoring, Control, and Protection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131E06IPAGR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS131E06IPAGR Datasheet HTML 5Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 6Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 7Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 8Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 9Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 10Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 11Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 12Page - Texas Instruments ADS131E06IPAGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DVDD
GPIO4
GPIO3
GPIO2
DOUT
GPIO1
DAISY_IN
SCLK
START
CLK
DIN
DGND
DRDY
CS
RESET
PWDN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IN8N
IN8P
IN7N
IN7P
IN6N
IN6P
IN5N
IN5P
IN4N
IN4P
IN3N
IN3P
IN2N
IN2P
IN1N
IN1P
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
PIN CONFIGURATION
PAG PACKAGE
TQFP-64
(TOP VIEW)
PIN ASSIGNMENTS
NAME
TERMINAL
FUNCTION
DESCRIPTION
AVDD
19, 21, 22, 56, 59
Supply
Analog supply
AVDD1
54
Supply
Charge pump analog supply
AVSS
20, 23, 32, 57, 58
Supply
Analog ground
AVSS1
53
Supply
Charge pump analog ground
CS
39
Digital input
SPI chip select; active low
CLK
37
Digital input
Master clock input
CLKSEL
52
Digital input
Master clock select
DAISY_IN
41
Digital input
Daisy-chain input
DGND
33, 49, 51
Supply
Digital ground
DIN
34
Digital input
SPI data in
DOUT
43
Digital output
SPI data out
DRDY
47
Digital output
Data ready; active low
DVDD
48, 50
Supply
Digital power supply
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS131E04 ADS131E06 ADS131E08


Podobny numer części - ADS131E06IPAGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS131E06IPAGR TI1-ADS131E06IPAGR Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results

Podobny opis - ADS131E06IPAGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131A02 TI1-ADS131A02_16 Datasheet
1Mb / 85P
[Old version datasheet]   2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com