Zakładka z wyszukiwarką danych komponentów |
|
LM25574Q0MTX Arkusz danych(PDF) 2 Page - Texas Instruments |
|
LM25574Q0MTX Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 29 page 1 2 3 4 5 6 7 8 VIN PRE FB VCC IS AGND OUT RAMP 9 10 11 12 COMP SD BST RT 13 14 15 16 SS PGND SYNC SW LM25574, LM25574-Q1 SNVS483G – JANUARY 2007 – REVISED APRIL 2013 www.ti.com Connection Diagram Figure 1. Top View 16-Lead TSSOP PIN DESCRIPTIONS Pin(s) Name Description Application Information 1 VCC Output of the bias regulator Vcc tracks Vin up to 9V. Beyond 9V, Vcc is regulated to 7 Volts. A 0.1uF to 1uF ceramic decoupling capacitor is required. An external voltage (7.5V – 14V) can be applied to this pin to reduce internal power dissipation. 2 SD Shutdown or UVLO input If the SD pin voltage is below 0.7V the regulator will be in a low power state. If the SD pin voltage is between 0.7V and 1.225V the regulator will be in standby mode. If the SD pin voltage is above 1.225V the regulator will be operational. An external voltage divider can be used to set a line undervoltage shutdown threshold. If the SD pin is left open circuit, a 5µA pull-up current source configures the regulator fully operational. 3 Vin Input supply voltage Nominal operating range: 6V to 42V 4 SYNC Oscillator synchronization input or output The internal oscillator can be synchronized to an external clock with an external pull-down device. Multiple LM25574 devices can be synchronized together by connection of their SYNC pins. 5 COMP Output of the internal error amplifier The loop compensation network should be connected between this pin and the FB pin. 6 FB Feedback signal from the regulated output This pin is connected to the inverting input of the internal error amplifier. The regulation threshold is 1.225V. 7 RT Internal oscillator frequency set input The internal oscillator is set with a single resistor, connected between this pin and the AGND pin. 8 RAMP Ramp control signal An external capacitor connected between this pin and the AGND pin sets the ramp slope used for current mode control. Recommended capacitor range 50pF to 2000pF. 9 AGND Analog ground Internal reference for the regulator control functions 10 SS Soft-start An external capacitor and an internal 10µA current source set the time constant for the rise of the error amp reference. The SS pin is held low during standby, Vcc UVLO and thermal shutdown. 11 OUT Output voltage connection Connect directly to the regulated output voltage. 12 PGND Power ground Low side reference for the PRE switch and the IS sense resistor. 13 IS Current sense Current measurement connection for the re-circulating diode. An internal sense resistor and a sample/hold circuit sense the diode current near the conclusion of the off-time. This current measurement provides the DC level of the emulated current ramp. 14 SW Switching node The source terminal of the internal buck switch. The SW pin should be connected to the external Schottky diode and to the buck inductor. 2 Submit Documentation Feedback Copyright © 2007–2013, Texas Instruments Incorporated Product Folder Links: LM25574 LM25574-Q1 |
Podobny numer części - LM25574Q0MTX |
|
Podobny opis - LM25574Q0MTX |