Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4951 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM4951
Szczegółowy opis  LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM4951 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM4951 Datasheet HTML 5Page - Texas Instruments LM4951 Datasheet HTML 6Page - Texas Instruments LM4951 Datasheet HTML 7Page - Texas Instruments LM4951 Datasheet HTML 8Page - Texas Instruments LM4951 Datasheet HTML 9Page - Texas Instruments LM4951 Datasheet HTML 10Page - Texas Instruments LM4951 Datasheet HTML 11Page - Texas Instruments LM4951 Datasheet HTML 12Page - Texas Instruments LM4951 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
20
20k
FREQUENCY (Hz)
1P
50P
10k
1k
2k
5k
2P
3P
4P
5P
6P
7P
8P
9P
40P
30P
20P
10P
50 100 200 500
20
20k
FREQUENCY (Hz)
50P
100P
150P
10k
1k
2k
5k
50 100 200 500
62P
75P
85P
90P
120P
52P
55P
65P
72P
95P
82P
20
20k
FREQUENCY (Hz)
1P
50P
10k
1k
2k
5k
2P
3P
4P
5P
6P
7P
8P
9P
40P
30P
20P
10P
50 100 200 500
20
20k
FREQUENCY (Hz)
50P
100P
150P
10k
1k
2k
5k
50 100 200 500
62P
75P
85P
90P
120P
52P
55P
65P
72P
95P
82P
20
20k
FREQUENCY (Hz)
1P
50P
10k
1k
2k
5k
2P
3P
4P
5P
6P
7P
8P
9P
40P
30P
20P
10P
50 100 200 500
20
20k
FREQUENCY (Hz)
50P
100P
150P
10k
1k
2k
5k
50 100 200 500
62P
75P
85P
90P
120P
52P
55P
65P
72P
95P
82P
LM4951
www.ti.com
SNAS244N – AUGUST 2004 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Noise Floor
Noise Floor
VDD = 3.3V, AV = 6dB, Ri = Rf = 20kΩ
VDD = 3V, AV = 26dB, Ri = 20kΩ, Rf = 200kΩ
BW < 80kHz, A-weighted
BW < 80kHz, A-weighted
Figure 22.
Figure 23.
Noise Floor
Noise Floor
VDD = 5V, AV = 6dB, Ri = Rf = 20kΩ
VDD = 5V, AV = 26dB, Ri = 20kΩ, Rf = 200kΩ
BW < 80kHz, A-weighted
BW < 80kHz, A-weighted
Figure 24.
Figure 25.
Noise Floor
Noise Floor
VDD = 7.5V, AV = 6dB, Ri = Rf = 20kΩ
VDD = 7.5V, AV = 26dB, Ri = 20kΩ, Rf = 200kΩ
BW < 80kHz, A-weighted
BW < 80kHz, A-weighted
Figure 26.
Figure 27.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4951


Podobny numer części - LM4951

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
National Semiconductor ...
LM4951ASD NSC-LM4951ASD Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

Podobny opis - LM4951

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com