Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2991T Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2991T
Szczegółowy opis  LM2991 Negative Low Dropout Adjustable Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2991T Arkusz danych(HTML) 1 Page - Texas Instruments

  LM2991T Datasheet HTML 1Page - Texas Instruments LM2991T Datasheet HTML 2Page - Texas Instruments LM2991T Datasheet HTML 3Page - Texas Instruments LM2991T Datasheet HTML 4Page - Texas Instruments LM2991T Datasheet HTML 5Page - Texas Instruments LM2991T Datasheet HTML 6Page - Texas Instruments LM2991T Datasheet HTML 7Page - Texas Instruments LM2991T Datasheet HTML 8Page - Texas Instruments LM2991T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2991
www.ti.com
SNVS099H – MAY 1999 – REVISED JUNE 2013
LM2991 Negative Low Dropout Adjustable Regulator
Check for Samples: LM2991
1
FEATURES
DESCRIPTION
The LM2991 is a low dropout adjustable negative
2
Output Voltage Adjustable from
−3V to −24V,
regulator with a output voltage range between
−3V to
Typically
−2V to −25V
−24V. The LM2991 provides up to 1A of load current
Output Current in Excess of 1A
and features a On /Off pin for remote shutdown
Dropout Voltage Typically 0.6V at 1A Load
capability.
Low Quiescent Current
The LM2991 uses new circuit design techniques to
provide a low dropout voltage, low quiescent current
Internal Short Circuit Current Limit
and low temperature coefficient precision reference.
Internal Thermal Shutdown with Hysteresis
The dropout voltage at 1A load current is typically
TTL, CMOS Compatible ON/OFF Switch
0.6V and an ensured worst-case maximum of 1V
Functional Complement to the LM2941 Series
over the entire operating temperature range. The
quiescent current is typically 1 mA with a 1A load
current and an input-output voltage differential greater
APPLICATIONS
than 3V. A unique circuit design of the internal bias
Post Switcher Regulator
supply limits the quiescent current to only 9 mA
Local, On-Card, Regulation
(typical) when the regulator is in the dropout mode
(VOUT − VIN ≤ 3V).
Battery Operated Equipment
The LM2991 is short-circuit proof, and thermal
shutdown
includes
hysteresis
to
enhance
the
reliability of the device when inadvertently overloaded
for extended periods. The LM2991 is available in 5-
lead TO-220 and DDPAK/TO-263 packages and is
rated for operation over the automotive temperature
range of
−40°C to +125°C. Mil-Aero versions are also
available.
Typical Application
VOUT = VREF (1 + R2/R1)
*Required if the regulator is located further than 6 inches from the power supply filter capacitors. A 1
μF solid
tantalum or a 10
μF aluminum electrolytic capacitor is recommended.
**Required for stability. Must be at least a 10
μF aluminum electrolytic or a 1 μF solid tantalum to maintain stability.
May be increased without bound to maintain regulation during transients. Locate the capacitor as close as possible to
the regulator. The equivalent series resistance (ESR) is critical, and should be less than 10
Ω over the same operating
temperature range as the regulator.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM2991T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2991T NSC-LM2991T Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
LM2991T NSC-LM2991T Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991T TI-LM2991T Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991T TI1-LM2991T Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991T-LB03 TI-LM2991T-LB03 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
More results

Podobny opis - LM2991T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2991 TI-LM2991_15 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com