Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3402MR Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM3402MR
Szczegółowy opis  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3402MR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM3402MR Datasheet HTML 5Page - Texas Instruments LM3402MR Datasheet HTML 6Page - Texas Instruments LM3402MR Datasheet HTML 7Page - Texas Instruments LM3402MR Datasheet HTML 8Page - Texas Instruments LM3402MR Datasheet HTML 9Page - Texas Instruments LM3402MR Datasheet HTML 10Page - Texas Instruments LM3402MR Datasheet HTML 11Page - Texas Instruments LM3402MR Datasheet HTML 12Page - Texas Instruments LM3402MR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VO-MAX vs fSW, LM3402 (TA = 25°C)
VO-MIN vs fSW, LM3402 (TA = 25°C)
Figure 15.
Figure 16.
VO-MIN vs fSW, LM3402HV
VO-MAX vs fSW, LM3402HV (TA = 25°C)
(TA = 25°C)
Figure 17.
Figure 18.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3402 LM3402HV


Podobny numer części - LM3402MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3402MR NSC-LM3402MR Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MR TI1-LM3402MR Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MR TI1-LM3402MR Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
LM3402MR/NOPB TI1-LM3402MR/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
logo
National Semiconductor ...
LM3402MRX NSC-LM3402MRX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Podobny opis - LM3402MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com