Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTL1655DGGR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74GTL1655DGGR
Szczegółowy opis  16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL1655DGGR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74GTL1655DGGR Datasheet HTML 1Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 2Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 3Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 4Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 5Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 6Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 7Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 8Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1OEAB
1OEBA
VCC
1A1
GND
1A2
1A3
GND
1A4
GND
1A5
GND
1A6
1A7
VCC
1A8
2A1
GND
2A2
2A3
GND
2A4
2A5
GND
2A6
GND
2A7
VCC
2A8
GND
2OEAB
2OEBA
CLK
1LEAB
1LEBA
VERC
GND
1B1
1B2
GND
1B3
1B4
1B5
GND
1B6
1B7
VCC
1B8
2B1
GND
2B2
2B3
GND
2B4
2B5
VREF
2B6
GND
2B7
2B8
BIAS VCC
2LEAB
2LEBA
OE
The user has the flexibility of using this device at either GTL (VTT = 1.2 V and VREF = 0.8 V) or the preferred
SN74GTL1655
16-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVER
WITH LIVE INSERTION
SCBS696I – JULY 1997 – REVISED APRIL 2005
Member of the Texas Instruments Widebus™
Family
UBT™ Transceiver Combines D-Type Latches
and D-Type Flip-Flops for Operation in
Transparent, Latched, or Clocked Modes
OEC™ Circuitry Improves Signal Integrity and
Reduces Electromagnetic Interference
Translates Between GTL/GTL+ Signal Level
and LVTTL Logic Levels
High-Drive (100 mA), Low-Output-Impedance
(12
Ω) Bus Transceiver (B Port)
Edge-Rate-Control Input Configures the
B-Port Output Rise and Fall Times
Ioff, Power-Up 3-State, and BIAS VCC Support
Live Insertion
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors on A
Port
Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
The
SN74GTL1655
is
a
high-drive
(100
mA),
low-output-impedance
(12
Ω)
16-bit
UBT™
transceiver that provides LVTTL-to-GTL/GTL+ and
GTL/GTL+-to-LVTTL
signal-level
translation.
This
device is partitioned as two 8-bit transceivers and
combines D-type flip-flops and D-type latches to allow
for transparent, latched, and clocked modes of data
transfer similar to the '16501 function. This device
provides an interface between cards operating at
LVTTL logic levels and a backplane operating at
GTL/GTL+ signal levels. Higher-speed operation is a
direct result of the reduced output swing (<1 V),
reduced input threshold levels, and OEC™ circuitry.
The
high
drive
is
suitable
for
driving
double-terminated low-impedance backplanes using
incident-wave switching.
higher noise margin GTL+ (VTT = 1.5 V and VREF = 1 V) signal levels. GTL+ is the Texas Instruments derivative
of the Gunning Transceiver Logic (GTL) JEDEC standard JESD 8-3. The B port normally operates at GTL or
GTL+ signal levels, while the A-port and control inputs are compatible with LVTTL logic levels, but are not 5-V
tolerant. VREF is the reference input voltage for the B port.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, UBT, OEC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74GTL1655DGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL1655DGG TI-SN74GTL1655DGG Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results

Podobny opis - SN74GTL1655DGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com