Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCH8T245DGVRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części 74LVCH8T245DGVRG4
Szczegółowy opis  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74LVCH8T245DGVRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  74LVCH8T245DGVRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
SN74LVCH8T245
8-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES637A – AUGUST 2005 – REVISED FEBRUARY 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = –100 µA,
VI = VIH
1.65 V to 4.5 V 1.65 V to 4.5 V
VCCO – 0.1
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
VOH
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.9
V
IOH = –24 mA,
VI = VIH
3 V
3 V
2.4
IOH = –32 mA,
VI = VIH
4.5 V
4.5 V
3.8
IOL = 100 µA,
VI = VIL
1.65 V to 4.5 V 1.65 V to 4.5 V
0.1
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
V
IOL = 24 mA,
VI = VIL
3 V
3 V
0.55
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.55
Control
II
VI = VCCA or GND
1.65 V to 5.5 V 1.65 V to 5.5 V
±0.5
±1
±2
µA
inputs
VI = 0.58 V
1.65 V
1.65 V
15
VI = 0.7 V
2.3 V
2.3 V
45
IBHL(3)
µA
VI = 0.8 V
3 V
3 V
75
VI = 0.1.35 V
4.5 V
4.5 V
100
VI = 1.07 V
1.65 V
1.65 V
–15
VI = 1.7 V
2.3 V
2.3 V
–45
IBHH(4)
µA
VI = 2 V
3 V
3 V
–75
VI = 3.15 V
4.5 V
4.5 V
–100
1.95 V
1.95 V
200
2.7 V
2.7 V
300
IBHLO(5)
VI = 0 to VCC
µA
3.6 V
3.6 V
500
5.5 V
5.5 V
900
1.95 V
1.95 V
–200
2.7 V
2.7 V
–300
IBHHO(6)
VI = 0 to VCC
µA
3.6 V
3.6 V
–500
5.5 V
5.5 V
–900
A port
0 V
0 to 5.5 V
±0.5
±1
±2
Ioff
VI or VO = 0 to 5.5 V
µA
B port
0 to 5.5 V
0 V
±0.5
±1
±2
A or B
OE = VIH
1.65 V to 5.5 V 1.65 V to 5.5 V
±1
±2
port
VO = VCCO or GND,
IOZ
µA
B port
VI = VCCI or GND
0 V
5.5 V
±1
±2
OE = don't
care
A port
5.5 V
0 V
±1
±2
1.65 V to 5.5 V 1.65 V to 5.5 V
20
ICCA
VI = VCCI or GND,
IO = 0
5 V
0 V
20
µA
0 V
5 V
–2
1.65 V to 5.5 V 1.65 V to 5.5 V
20
ICCB
VI = VCCI or GND,
IO = 0
5 V
0 V
–2
µA
0 V
5 V
20
ICCA + ICCB
VI = VCCI or GND,
IO = 0
1.65 V to 5.5 V 1.65 V to 5.5 V
30
µA
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND
and then raising it to VIL max.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to
VCC and then lowering it to VIH min.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
5
Submit Documentation Feedback


Podobny numer części - 74LVCH8T245DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI1-74LVCH8T245DGVRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Podobny opis - 74LVCH8T245DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com