Zakładka z wyszukiwarką danych komponentów |
|
74LVCH8T245RHLRG4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
74LVCH8T245RHLRG4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 22 page www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) DIR OE A1 B1 To Seven Other Channels 2 3 22 21 SN74LVCH8T245 8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES637A – AUGUST 2005 – REVISED FEBRUARY 2007 The SN74LVCH8T245 is designed for asynchronous communication between two data buses. The logic levels of the direction-control (DIR) input and the output-enable (OE) input activate either the B-port outputs or the A-port outputs or place both output ports into the high-impedance mode. The device transmits data from the A bus to the B bus when the B-port outputs are activated, and from the B bus to the A bus when the A-port outputs are activated. The input circuitry on both A and B ports is always active and must have a logic HIGH or LOW level applied to prevent excess ICC and ICCZ. The SN74LVCH8T245 is designed so that the control pins (DIR and OE) are supplied by VCCA. Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors with the bus-hold circuitry is not recommended. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. The VCC isolation feature ensures that if either VCC input is at GND, then both ports are in the high-impedance state. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. FUNCTION TABLE(1) (EACH 8-BIT SECTION) CONTROL INPUTS OUTPUT CIRCUITS OPERATION OE DIR A PORT B PORT L L Enabled Hi-Z B data to A bus L H Hi-Z Enabled A data to B bus H X Hi-Z Hi-Z Isolation (1) Input circuits of the data I/Os are always active. LOGIC DIAGRAM (POSITIVE LOGIC) 2 Submit Documentation Feedback |
Podobny numer części - 74LVCH8T245RHLRG4 |
|
Podobny opis - 74LVCH8T245RHLRG4 |