Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC6A595DWRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC6A595DWRG4
Szczegółowy opis  POWER LOGIC 8-BIT SHIFT REGISTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6A595DWRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPIC6A595DWRG4 Datasheet HTML 7Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 8Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 9Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 10Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 11Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 12Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 13Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 14Page - Texas Instruments TPIC6A595DWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPIC6A595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS005B − APRIL 1993 − REVISED MAY 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
VCC − Logic Supply Voltage − V
0
0.25
0.5
0.75
1
1.25
1.5
45
6
7
TC = 125°C
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
TC = 25°C
TC = − 40°C
1.75
2
ID = 350 mA
See Note A
Figure 12
100
60
40
20
140
80
− 50
0
50
100
150
120
SWITCHING TIME
vs
CASE TEMPERATURE
tPLH
tr
tf
TC − Case Temperature − °C
tPHL
ID = 350 mA
See Note A
NOTE A: Technique should limit TJ − TC to 10°C maximum.
THERMAL INFORMATION
NE PACKAGE
TRANSIENT THERMAL IMPEDANCE
vs
ON TIME
The single-pulse curve represents measured data. The
curves for various pulse durations are based on the
following equation:
t − On Time − s
0.1
0.001
0.01
0.1
1
10
100
1
10
100
1000
Single Pulse
d = 2%
d = 5%
d = 10%
d = 20%
d = 50%
tw
tc
ID
0
ZqJA +
tw
tc
RqJA ) 1
tw
tc
Zq tw ) tc
) Zq tw –Zq tc
= the single-pulse thermal impedance
for t = tw seconds
= the single-pulse thermal impedance
for t = tc seconds
= the single-pulse thermal impedance
for t = tw + tc seconds
Where:
d = tw/tc
Zq tw
Zq tc
Zq tw ) tc
Figure 13


Podobny numer części - TPIC6A595DWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6A595DW TI-TPIC6A595DW Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Podobny opis - TPIC6A595DWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com