Zakładka z wyszukiwarką danych komponentów |
|
DM3730CUS100NEP Arkusz danych(PDF) 4 Page - Texas Instruments |
|
DM3730CUS100NEP Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 280 page DM3730, DM3725 SPRS685D – AUGUST 2010 – REVISED JULY 2011 www.ti.com 1.2 Description The DM37x generation of high-performance, digital media processors are based on the enhanced device architecture and are integrated on TI's advanced 45-nm process technology. This architecture is designed to provide best in class ARM and Graphics performance while delivering low power consumption. This balance of performance and power allow the device to support the following example applications: • Portable Data Terminals • Navigation • Auto Infotainment • Gaming • Medical Imaging • Home Automation • Human Interface • Industrial Control • Test and Measurement • Single board Computers The device can support numerous HLOS and RTOS solutions including Linux and Windows Embedded CE which are available directly from TI. Additionally, the device is fully backward compatible with previous Cortex ™-A8 processors and OMAP™ processors. This DM3730/25 Digital Media Processor data manual presents the electrical and mechanical specifications for the DM3730/25 Digital Media Processor. The information contained in this data manual applies to the commercial, industrial, and extended temperature versions of the DM3730/25 Digital Media Processor unless otherwise indicated. It consists of the following sections: • A description of the DM3730/25 terminals: assignment, electrical characteristics, multiplexing, and functional description • A presentation of the electrical characteristics requirements: power domains, operating conditions, power consumption, and dc characteristics • The clock specifications: input and output clocks, DPLL and DLL • A description of thermal characteristics, device nomenclature, and mechanical data about the available packaging 4 DM3730, DM3725 Digital Media Processors Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |
Podobny numer części - DM3730CUS100NEP |
|
Podobny opis - DM3730CUS100NEP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |