Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1259BIPWR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1259BIPWR
Szczegółowy opis  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1259BIPWR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1259BIPWR Datasheet HTML 6Page - Texas Instruments ADS1259BIPWR Datasheet HTML 7Page - Texas Instruments ADS1259BIPWR Datasheet HTML 8Page - Texas Instruments ADS1259BIPWR Datasheet HTML 9Page - Texas Instruments ADS1259BIPWR Datasheet HTML 10Page - Texas Instruments ADS1259BIPWR Datasheet HTML 11Page - Texas Instruments ADS1259BIPWR Datasheet HTML 12Page - Texas Instruments ADS1259BIPWR Datasheet HTML 13Page - Texas Instruments ADS1259BIPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
140
120
100
80
60
40
20
0
Power-SupplyandCommon-ModeFrequency(Hz)
1M
10
100
1k
10k
100k
CMR
DVDD
AVDD,AVSS
DVDD
CMR
AVDD
AVSS
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature( C)
°
125
DVDD
-
55
-
35
-
15
5
25
45
65
85
105
AVDD,AVSS(InternalReferenceOn)
2.501
2.500
2.499
2.498
2.497
2.496
Temperature( C)
°
125
-
50
-
25
0
25
50
75
100
ADS1259B
2.504
2.502
2.500
2.498
2.496
2.494
Temperature( C)
°
125
-55
-35
-15
5
25
45
65
85
105
ADS1259
2.0
1.6
1.2
0.8
0.4
0
0.4
0.8
1.2
1.6
2.0
-
-
-
-
-
Temperature( C)
°
125
-55
-35
-15
5
25
45
65
85
105
5Units
18
16
14
12
10
8
6
4
2
0
ThresholdError(%)
Relativeto 105%
30Units
±
ADS1259
SBAS424D
– JUNE 2009 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = 3.3V, VREF = 2.5V, VREFN = AVSS, fCLK = 7.3728MHz, and
fDATA = 60SPS, unless otherwise noted.
POWER-SUPPLY AND COMMON-MODE REJECTION vs
FREQUENCY
POWER-SUPPLY CURRENT vs TEMPERATURE
Figure 20.
Figure 21.
INTERNAL REFERENCE VOLTAGE vs TEMPERATURE
INTERNAL REFERENCE VOLTAGE vs TEMPERATURE
Figure 22.
Figure 23.
OUT-OF-RANGE THRESHOLD DISTRIBUTION
HISTOGRAM
OUT-OF-RANGE THRESHOLD vs TEMPERATURE
Figure 24.
Figure 25.
10
Copyright
© 2009–2011, Texas Instruments Incorporated


Podobny numer części - ADS1259BIPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259BIPWR TI-ADS1259BIPWR Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Podobny opis - ADS1259BIPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com