Zakładka z wyszukiwarką danych komponentów |
|
FM400TU-2A Arkusz danych(PDF) 2 Page - Powerex Power Semiconductors |
|
FM400TU-2A Arkusz danych(HTML) 2 Page - Powerex Power Semiconductors |
2 / 8 page FM400TU-2A 6-Pack High Power MOSFET Module 200 Amperes/100 Volts 2 07/12 Rev. 1 Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com Absolute Maximum Ratings, Tj = 25°C unless otherwise specified Ratings Symbol FM400TU-2A Units Channel Temperature Tj –40 to 150 °C Storage Temperature Tstg –40 to 125 °C Drain-Source Voltage (G-S Short) VDSS 100 Volts Gate-Source Voltage (D-E Short) VGSS ±20 Volts Drain Current (TC = 25°C) ID(rms) 200 Arms Peak Drain Current (Pulse) IDM 400* Amperes Avalanche Current (L = 10µH, Pulse) IDA 200* Amperes Source Current (TC = 25°C)** IS(rms) 200 Arms Peak Source Current (Pulse)** ISM 400* Amperes Maximum Power Dissipation (TC = 25°C, Tj < 150°C)*** PD 650 Watts Maximum Peak Power Dissipation (TC' = 25°C, Tj < 150°C)*** PD 880 Watts Mounting Torque, M6 Main Terminal — 40 in-lb Mounting Torque, M6 Mounting — 40 in-lb Weight — 600 Grams Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) VISO 2500 Volts * Pulse width and repetition rate should be such that device channel temperature (Tj) does not exceed Tj(max) rating. **Represents characteristics of the anti-parallel, source-to-drain free-wheel diode (FWDi). ***TC' measured point is just under the chips. If you use this value, Rth(f-a) should be measured just under the chips. |
Podobny numer części - FM400TU-2A |
|
Podobny opis - FM400TU-2A |