Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM600TU-07A Arkusz danych(PDF) 7 Page - Powerex Power Semiconductors

Numer części FM600TU-07A
Szczegółowy opis  6-PACK High Power MOSFET Module 300 Amperes/75 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWEREX [Powerex Power Semiconductors]
Strona internetowa  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM600TU-07A Arkusz danych(HTML) 7 Page - Powerex Power Semiconductors

  FM600TU-07A Datasheet HTML 1Page - Powerex Power Semiconductors FM600TU-07A Datasheet HTML 2Page - Powerex Power Semiconductors FM600TU-07A Datasheet HTML 3Page - Powerex Power Semiconductors FM600TU-07A Datasheet HTML 4Page - Powerex Power Semiconductors FM600TU-07A Datasheet HTML 5Page - Powerex Power Semiconductors FM600TU-07A Datasheet HTML 6Page - Powerex Power Semiconductors FM600TU-07A Datasheet HTML 7Page - Powerex Power Semiconductors FM600TU-07A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FM600TU-07A
6-Pack High Power MOSFET Module
300 Amperes/75 Volts
7
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
101
102
103
101
DRAIN CURRENT, ID, (AMPERES)
SWITCHING TIME VS. DRAIN CURRENT
(TYPICAL )
102
103
VDD = 48V
VGS = ±15V
RG = 4.2Ω
Tj = 125°C
INDUCTIVE LOAD
GATE CHARGE, QG, (nC)
GATE CHARGE CHARACTERISTICS
(TYPICAL )
0
2500
2000
1500
ID = 300A
1000
500
15
5
0
10
20
CHANNEL TEMPERATURE, Tj, (°C)
GATE THRESHOLD VOLTAGE
VS. TEMPERATURE (TYPICAL )
0
100
160
120 140
VGS = 10V
ID = 30mA
80
60
40
20
6
5
2
1
0
4
3
7
td(on)
td(off)
tr
tf
VDD = 24V
VDD = 48V
101
GATE RESISTANCE, RG, (Ω)
SWITCHING TIME VS. GATE RESISTANCE
(TYPICAL )
102
103
104
0
10
20
30
40
50
td(on)
tf
VDD = 48V
VGS = ±15V
ID = 300A
Tj = 125°C
INDUCTIVE LOAD
tr
td(off)


Podobny numer części - FM600TU-07A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
FM600TU-07A MITSUBISHI-FM600TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-07A MITSUBISHI-FM600TU-07A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-07A MITSUBISHI-FM600TU-07A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

Podobny opis - FM600TU-07A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
FM200TU-07A POWEREX-FM200TU-07A Datasheet
790Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/75 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
ID226075 POWEREX-ID226075 Datasheet
317Kb / 4P
   DUAL IGBTMOD-TM POWER MODULE 75 AMPERES / 600 VOLTS
KS621230A7 POWEREX-KS621230A7 Datasheet
412Kb / 4P
   Single Darlington Transistor Module 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com