Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCVF2310 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCVF2310
Szczegółowy opis  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2310 Arkusz danych(HTML) 5 Page - Texas Instruments

  CDCVF2310 Datasheet HTML 1Page - Texas Instruments CDCVF2310 Datasheet HTML 2Page - Texas Instruments CDCVF2310 Datasheet HTML 3Page - Texas Instruments CDCVF2310 Datasheet HTML 4Page - Texas Instruments CDCVF2310 Datasheet HTML 5Page - Texas Instruments CDCVF2310 Datasheet HTML 6Page - Texas Instruments CDCVF2310 Datasheet HTML 7Page - Texas Instruments CDCVF2310 Datasheet HTML 8Page - Texas Instruments CDCVF2310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(1)
ELECTRICAL CHARACTERISTICS
VDD = 3.3 V ±0.3 V
CDCVF2310
SCAS666C – JUNE 2001 – REVISED JANUARY 2008
over operating free-air temperature range (unless otherwise noted)
(1)
Supply voltage range, VDD
–0.5 V to 4.6 V
Input voltage range, VI
(2) (3)
–0.5 V to VDD + 0.5 V
Output voltage range, VO
(2) (3)
–0.5 V to VDD + 0.5 V
Input clamp current, IIK (VI < 0 or VI> VDD)
±50 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±50 mA
Continuous total output current, IO (VO = 0 to VDD)
±50 mA
Package thermal impedance,
θ
JA
(4): PW package
120
°C/W
Storage temperature range Tstg
–65
°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51.
MIN
NOM
MAX
UNIT
2.3
2.5
Supply voltage, VDD
V
3.3
3.6
VDD = 3 V to 3.6 V
0.8
Low-level input voltage, VIL
V
VDD = 2.3 V to 2.7 V
0.7
VDD = 3 V to 3.6 V
2
High-level input voltage, VIH
V
VDD = 2.3 V to 2.7 V
1.7
Input voltage, VI
0
VDD
V
VDD = 3 V to 3.6 V
12
High-level output current, IOH
mA
VDD = 2.3 V to 2.7 V
6
VDD = 3 V to 3.6 V
12
Low-level output current, IOL
mA
VDD = 2.3 V to 2.7 V
6
Operating free-air temperature, TA
–40
85
°C
(1)
Unused inputs must be held high or low to prevent them from floating.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input voltage
VDD = 3 V,
II = –18 mA
–1.2
V
II
Input current
VI = 0 V or VDD
±5
µA
IDD
(2)
Static device current
CLK = 0 V or VDD,
IO = 0 mA
80
µA
CI
Input capacitance
VDD = 2.3 V to 3.6 V,
VI = 0 V or VDD
2.5
pF
CO
Output capacitance
VDD = 2.3 V to 3.6 V,
VI = 0 V or VDD
2.8
pF
(1)
All typical values are at respective nominal VDD.
(2)
For ICC over frequency, see Figure 6.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD = min to max,
IOH = –100 µA
VDD – 0.2
VOH
High-level output voltage
IOH = –12 mA
2.1
V
VDD = 3 V
IOH = –6 mA
2.4
(1)
All typical values are at respective nominal VDD.
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCVF2310


Podobny numer części - CDCVF2310

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310MPWEP TI1-CDCVF2310MPWEP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310MPWREP TI1-CDCVF2310MPWREP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results

Podobny opis - CDCVF2310

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
   2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com