Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3211MNR2G Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części ADP3211MNR2G
Szczegółowy opis  7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3211MNR2G Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button ADP3211MNR2G Datasheet HTML 4Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 5Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 6Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 7Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 8Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 9Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 10Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 11Page - ON Semiconductor ADP3211MNR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP3211, ADP3211A
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (VCC = PVCC = 5.0 V, FBRTN = GND = PGND = 0 V, H = 5.0 V, L = 0 V, VVID = VDAC = 1.2 V,
TA = −40°C to 100°C, unless otherwise noted. (Note 1) Current entering a pin (sunk by the device) has a positive sign.
Parameter
Units
Max
Typ
Min
Conditions
Symbol
HIGH−SIDE MOSFET DRIVER
Pullup Resistance, Sourcing Current
Pulldown Resistance, Sinking Current
BST = PVCC
2.0
1.0
3.3
2.8
W
Transition Times
trDRVH,
tfDRVH
BST = PVCC, CL = 3 nF, Figure 2
15
13
35
31
ns
Dead Delay Times
tpdhDRVH
BST = PVCC, Figure 2
10
45
ns
BST Quiescent Current
EN = L (Shutdown)
EN = H, No Switching
5.0
200
15
mA
LOW−SIDE MOSFET DRIVER
Pullup Resistance, Sourcing Current
Pulldown Resistance, Sinking Current
1.8
0.9
3.0
2.7
W
Transition Times
trDRVL,
tfDRVL
CL = 3 nF, Figure 2
15
14
35
35
ns
Propagation Delay Times
tpdhDRVL
CL = 3 nF, Figure 2
15
30
ns
SW Transition Timeout
tSWTO
DRVH = L, SW = 2.5 V
150
250
450
ns
SW Off Threshold
VOFFSW
2.2
V
PVCC Quiescent Current
EN = L (Shutdown)
EN = H, No Switching
14
200
50
mA
BOOTSTRAP RECTIFIER SWITCH
On−Resistance
EN = L or EN = H and DRVL = H
4
7
11
W
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not production tested.
3. Timing is referenced to the 90% and 10% points, unless otherwise noted.
DRVH
(with respect to SW)
DRVL
SW
1.0 V
Figure 2. Timing Diagram
VTH
VTH
tfDRVL
tpdhDRVH
trDRVH
tfDRVH
trDRVL
tpdhDRVL


Podobny numer części - ADP3211MNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3211MNR2G ONSEMI-ADP3211MNR2G Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results

Podobny opis - ADP3211MNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com