Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ01S2405A Arkusz danych(PDF) 1 Page - Delta Electronics, Inc.

Numer części DZ01S2405A
Szczegółowy opis  3W DC/DC CONVERTER, DIP-Package , High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ01S2405A Arkusz danych(HTML) 1 Page - Delta Electronics, Inc.

  DZ01S2405A Datasheet HTML 1Page - Delta Electronics, Inc. DZ01S2405A Datasheet HTML 2Page - Delta Electronics, Inc. DZ01S2405A Datasheet HTML 3Page - Delta Electronics, Inc. DZ01S2405A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DM03S/D Series
3W DC/DC CONVERTER, DIP-Package , High Isolation
DS_DM03S/D_07182012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 84%
MTBF > 1M Hours
Reinforced Insulation rated for 300VAC Working
Voltage
UL/EN60601-1&EN60950-1 Safety Approval
Operating Temperature Range –40°C to +85 °C
High Isolation Voltage 4000VACrms
Wide 2:1 Input Range
Complies with EN5022 Class A
Overload Protection
Low Leakage Current
3 Years Product Warranty
The DM03S/D series are miniature, DIP Package, isolated 3W DC/DC converters with 4,000VACrms isolation. It offers short
circuit protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions..
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
uF
%
DM03S0505A
5
600
90
857
1000
70
DM03S0512A
12
250
37.5
800
470
75
DM03S0524A
24
125
18.8
800
470
76
DM03D0512A
±12
±125
±18.8
800
220*
75
DM03D0515A
5
(4.5 ~ 9)
±15
±100
±15
800
40
60
220*
75
DM03S1205A
5
600
90
338
1000
74
DM03S1212A
12
250
37.5
313
470
80
DM03S1224A
24
125
18.8
313
470
81
DM03D1212A
±12
±125
±18.8
313
220*
80
DM03D1215A
12
(9 ~ 18)
±15
±100
±15
313
30
30
220*
80
DM03S2405A
5
600
90
160
1000
78
DM03S2412A
12
250
37.5
151
470
83
DM03S2424A
24
125
18.8
151
470
84
DM03D2412A
±12
±125
±18.8
151
220*
83
DM03D2415A
24
(18 ~ 36)
±15
±100
±15
151
20
15
220*
83
DM03S4805A
5
600
90
80
1000
78
DM03S4812A
12
250
37.5
75
470
83
DM03S4824A
24
125
18.8
75
470
84
DM03D4812A
±12
±125
±18.8
75
220*
83
DM03D4815A
48
(36 ~ 75)
±15
±100
±15
75
10
10
2208
83
* For each output


Podobny numer części - DZ01S2405A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
DZ01S2405A DELTA-DZ01S2405A Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DZ01S2405A DELTA-DZ01S2405A Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DZ01S2405A DELTA-DZ01S2405A Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Podobny opis - DZ01S2405A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
DM03S0505A DELTA-DM03S0505A Datasheet
218Kb / 5P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com