Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ06S0303A Arkusz danych(PDF) 1 Page - Delta Electronics, Inc.

Numer części DZ06S0303A
Szczegółowy opis  6W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ06S0303A Arkusz danych(HTML) 1 Page - Delta Electronics, Inc.

  DZ06S0303A Datasheet HTML 1Page - Delta Electronics, Inc. DZ06S0303A Datasheet HTML 2Page - Delta Electronics, Inc. DZ06S0303A Datasheet HTML 3Page - Delta Electronics, Inc. DZ06S0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DU06S/D Series
6W DC/DC CONVERTER, DIP-Package, High Isolation
DS_DU06S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 80%
Reinforced Insulation rated for 300VAC Working
Voltage
Isolation Voltage 4,000VACrms
UL/EN60601-1&EN60950-1 Safety Approval
Overload Protection
Fully regulated Output Voltage
Low Leakage Current
Operating Temperature Range –40°C to +75 °C
Complies with EN55022, class A
3 Years Product Warranty
The.DU06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 4,000VACrms isolation. It offers short
circuit protection and allows a wide operating temperature range of –40°C to +75°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions..
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
uF
%
DU06S1205A
5
1000
200
570
1000
75
DU06S1212A
12
500
100
641
470
78
DU06D1212A
±12
±250
±50
641
220*
78
DU06D1215A
12
(9 ~ 18)
±15
±200
±40
641
30
60
220*
78
DU06S2405A
5
1000
200
278
1000
77
DU06S2412A
12
500
100
313
470
80
DU06D2412A
±12
±250
±50
313
220*
80
DU06D2415A
24
(18 ~ 36)
±15
±200
±40
313
20
30
220*
80
DU06S4805A
5
1000
200
139
1000
77
DU06S4812A
12
500
100
156
470
80
DU06D4812A
±12
±250
±50
156
220*
80
DU06D4815A
48
(36 ~ 75)
±15
±200
±40
156
10
15
220*
80
* For each output
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
12V Input Models
7
8
9
24V Input Models
13
15
18
Start-Up Voltage
48V Input Models
30
33
36
12V Input Models
---
---
8.5
24V Input Models
---
---
16
Under Voltage Shutdown
48V Input Models
---
---
34
VDC
Short Circuit Input Power
---
---
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN55022,class A and FCC part 15,class A


Podobny numer części - DZ06S0303A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
DZ06S0303A DELTA-DZ06S0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ06S0303A DELTA-DZ06S0303A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DZ06S0303A DELTA-DZ06S0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ06S0303A DELTA-DZ06S0303A Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DZ06S0303A DELTA-DZ06S0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Podobny opis - DZ06S0303A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com