Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2727N Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części UC2727N
Szczegółowy opis  Isolated High Side IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2727N Arkusz danych(HTML) 1 Page - Texas Instruments

  UC2727N Datasheet HTML 1Page - Texas Instruments UC2727N Datasheet HTML 2Page - Texas Instruments UC2727N Datasheet HTML 3Page - Texas Instruments UC2727N Datasheet HTML 4Page - Texas Instruments UC2727N Datasheet HTML 5Page - Texas Instruments UC2727N Datasheet HTML 6Page - Texas Instruments UC2727N Datasheet HTML 7Page - Texas Instruments UC2727N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Receives Power and Signal from Single
Isolation Transformer
Generates Split Rail for 4A Peak Bipolar
Gate Drive
16V High Level Gate Drive
Low Level Gate Drive more Negative
than -5V
Undervoltage Lockout
Desaturation Detection and Fault
Processing
Separate Output Enable Input
Programmable Stepped Gate Drive for
Soft Turn On
Programmable Stepped Gate Drive for
Soft Fault
The UC1727 and its companion chip, the UC1726, provide all the
necessary features to drive an isolated IGBT transistor from a TTL in-
put signal. A unique modulation scheme is used to transmit both
power and signal across an isolation boundary with a minimum of ex-
ternal components.
Protection features include under voltage lockout and desaturation
detection. High level gate drive signals are typically 16V. Intermediate
high drive levels can be programmed for various periods of time to
limit surge current at turn on and in the event of desaturation due to a
short circuit.
The chip generates a bipolar supply so that the gate can be driven to
a negative voltage insuring the IGBT remains off in the presence of
high common mode slew rates.
Uses include isolated off-line full bridge and half bridge drives for mo-
tors, switches, and any other load requiring full electrical isolation.
Isolated High Side IGBT Driver
FEATURES
DESCRIPTION
BLOCK DIAGRAM
UC1727
UC2727
UC3727
12/94
UDG-94005-2


Podobny numer części - UC2727N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2727 TI-UC2727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
More results

Podobny opis - UC2727N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com