Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC07XSC200EK Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc

Numer części MC07XSC200EK
Szczegółowy opis  Dual High Side Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSC200EK Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc

  MC07XSC200EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
07XSC200
3
Electrical Characteristics
3.1
Maximum Ratings
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage Range
• Load Dump at 25 °C (400 ms)
• Maximum Operating Voltage
• Reverse Battery
VPWR(SS)
41
28
-18
V
VDD Supply Voltage Range
VDD
-0.3 to 5.5
V
Input/Output Voltage
(4)
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
2.5
mA
HS [0:1] Voltage
•Positive
• Negative
VHS[0:1]
41
-24
V
Output Current per Channel
• Nominal Continuous Current(1)
• Short-circuit Transient Current
• Reverse Continuous Current(1)
IHS[0:1]
26
116
-26
A
High Side Breakdown Voltage
VPWR - VHS
47
V
HS[0,1] Output Clamp Energy using single pulse method(2)
ECL[0:1]
100
mJ
ESD Voltage(3)
• Human Body Model (HBM) for HS[0:1], VPWR and GND
• Human Body Model (HBM) for other pins
• Charge Device Model (CDM)
Corner Pins (1, 27, 28, 57)
All Other Pins
VESD1
VESD2
VESD3
VESD4
±8000
±2000
±750
±500
V
Notes
1.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using board thermal resistance is required.
2.
Active clamp energy using single-pulse method (L = 2.0 mH, RL = 0 , VPWR = 14 V, TJ = 150 C initial).
3.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 ), and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF).
4.
Input / Output pins are: IN[0:1], CLOCK, RSTB, FSI, CSNS, SI, SCLK, CSB, SO, FSB


Podobny numer części - MC07XSC200EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
More results

Podobny opis - MC07XSC200EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
   Dual USB High Side Power Switch
G526 ETC-G526 Datasheet
89Kb / 6P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com