Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4435DY Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części SI4435DY
Szczegółowy opis  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4435DY Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  SI4435DY Datasheet HTML 1Page - Fairchild Semiconductor SI4435DY Datasheet HTML 2Page - Fairchild Semiconductor SI4435DY Datasheet HTML 3Page - Fairchild Semiconductor SI4435DY Datasheet HTML 4Page - Fairchild Semiconductor SI4435DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 2001
©2001 Fairchild Semiconductor Corporation
SI4435DY Rev D1(W)
SI4435DY
30V P-Channel PowerTrench®
® MOSFET
General Description
This P-Channel MOSFET is a rugged gate version of
Fairchild Semiconductor’s advanced PowerTrench
process. It has been optimized for power management
applications requiring a wide range of gave drive
voltage ratings (4.5V – 25V).
Applications
• Power management
• Load switch
• Battery protection
Features
• –8.8 A, –30 V
RDS(ON) = 20 m
Ω @ VGS = –10 V
RDS(ON) = 35 m
Ω @ VGS = –4.5 V
• Low gate charge (17nC typical)
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
D
D
D
D
S
S
S
G
Pin 1
SO-8
4
3
2
1
5
6
7
8
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
–8.8
A
– Pulsed
–50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
125
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
SI4435DY
SI4435DY
13’’
12mm
2500 units


Podobny numer części - SI4435DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
logo
Guangdong Kexin Industr...
SI4435DY KEXIN-SI4435DY Datasheet
490Kb / 2P
   P-Channel MOSFET
SI4435DY-HF KEXIN-SI4435DY-HF Datasheet
523Kb / 2P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI4435DY-T1-E3 VBSEMI-SI4435DY-T1-E3 Datasheet
1,001Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
International Rectifier
SI4435DYPBF IRF-SI4435DYPBF Datasheet
107Kb / 8P
   HEXFET Power MOSFET
More results

Podobny opis - SI4435DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com