Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC547 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BC547
Szczegółowy opis  45 V, 100 mA NPN general-purpose transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC547 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BC547 Datasheet HTML 1Page - NXP Semiconductors BC547 Datasheet HTML 2Page - NXP Semiconductors BC547 Datasheet HTML 3Page - NXP Semiconductors BC547 Datasheet HTML 4Page - NXP Semiconductors BC547 Datasheet HTML 5Page - NXP Semiconductors BC547 Datasheet HTML 6Page - NXP Semiconductors BC547 Datasheet HTML 7Page - NXP Semiconductors BC547 Datasheet HTML 8Page - NXP Semiconductors BC547 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
3 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
3.
Ordering information
SOT54
1
emitter
2
base
3
collector
SOT54A
1
emitter
2
base
3
collector
SOT54 variant
1
emitter
2
base
3
collector
Table 3.
Pinning …continued
Pin
Description
Simplified outline
Graphic symbol
001aab347
1
2
3
sym026
3
1
2
001aab348
1
2
3
sym026
3
1
2
001aab447
1
2
3
sym026
3
1
2
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC847
-
plastic surface-mounted package; 3 leads
SOT23
BC847A
BC847B
BC847B/DG
BC847C
BC847W
SC-70
plastic surface-mounted package; 3 leads
SOT323
BC847AW
BC847BW
BC847BW/DG
BC847CW


Podobny numer części - BC547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
ARTSCHIP ELECTRONICS CO...
BC547 ARTSCHIP-BC547 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Rectron Semiconductor
BC547 RECTRON-BC547 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
More results

Podobny opis - BC547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com