Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9859H Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA9859H
Szczegółowy opis  Universal hi-fi audio processor for TV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9859H Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA9859H Datasheet HTML 6Page - NXP Semiconductors TDA9859H Datasheet HTML 7Page - NXP Semiconductors TDA9859H Datasheet HTML 8Page - NXP Semiconductors TDA9859H Datasheet HTML 9Page - NXP Semiconductors TDA9859H Datasheet HTML 10Page - NXP Semiconductors TDA9859H Datasheet HTML 11Page - NXP Semiconductors TDA9859H Datasheet HTML 12Page - NXP Semiconductors TDA9859H Datasheet HTML 13Page - NXP Semiconductors TDA9859H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2001 Jul 11
10
Philips Semiconductors
Product specification
Universal hi-fi audio processor for TV
TDA9859
Loudspeaker channel outputs (pins LOUTR and LOUTL)
Vo(max)(rms)
maximum output signal (RMS value)
THD
≤ 0.5%; R
L >10kΩ;
CL < 1.5 nF
2
−−
V
∆V
DC(max)
maximum DC offset voltage between
adjoining step and any step to mute
for volume control
Gv = 0 to +15 dB/mute
215
mV
Gv = −64 to 0 dB/mute
0.5
10
mV
for bass control
Gv = 0 to +15 dB/mute
215
mV
Gv = −12 to 0 dB/mute
0.5
10
mV
for treble control
Gv = −12 to +12 dB/mute
0.5
10
mV
Ro
output resistance
−−
100
Ro(L)
allowed output load resistor
10
−−
k
Co(L)
allowed output load capacitor
−−
1.5
nF
Vno(W)
weighted noise voltage at output
(quasi-peak level)
CCIR 468-3 weighted
Gv = +15 dB
102
−µV
Gv =0dB
32
−µV
Gv = −40 dB
27
−µV
Gv = −80 dB (mute)
20
−µV
B−1dB
−1 dB bandwidth for loudspeaker
channel
20
20000
Hz
THD
total harmonic distortion
f = 20 to 12500 Hz
for Vi(rms) = 0.2 V
Gv = −30 to +15 dB
0.1
0.3
%
for Vi(rms) =1V
Gv = −30 to 0 dB
0.1
0.3
%
for Vi(rms) =2V
Gv = −30 to −6dB
0.1
0.3
%
α
cs(l-r)
stereo channel separation
f = 10 kHz; Gv = 0 dB;
opposite input grounded
by 1 k
Ω resistor
75
dB
αct(bus)
crosstalk from I2C-bus to AF outputs
(Vbus = spurious I2C-bus signal voltage
on AF output)
Gv =0dB
100
dB
PSRR100
power supply ripple rejection with
100 Hz ripple
Gv = 0 dB;
Vripple(rms) < 200 mV
55
dB
SCART output (pins SCOUTR and SCOUTL)
Vo(max)(rms)
maximum output signal (RMS value)
THD
≤ 0.5%; RL >5kΩ
2
−−
V
Ro(L)
output load resistor
5
−−
k
Power-on reset
VPONR
increasing supply voltage
start of reset
−−
2.5
V
end of reset
5.2
6.0
6.8
V
decreasing supply voltage
start of reset
4.4
5.2
6.0
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
α
bus
20 log
V
bus(p-p)
V
o(rms)
---------------------
=


Podobny numer części - TDA9859H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
More results

Podobny opis - TDA9859H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
TDA9860 PHILIPS-TDA9860 Datasheet
124Kb / 18P
   Universal HiFi audio processor for TV
July 1994
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
NXP Semiconductors
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com