Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4532DY Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części SI4532DY
Szczegółowy opis  Dual N- and P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4532DY Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  SI4532DY Datasheet HTML 1Page - Fairchild Semiconductor SI4532DY Datasheet HTML 2Page - Fairchild Semiconductor SI4532DY Datasheet HTML 3Page - Fairchild Semiconductor SI4532DY Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si4532DY, Rev. C
Si4532DY*
Dual N- and P-Channel Enhancement Mode Field Effect Transistor
September 1999
Features
• N-Channel 3.9A, 30V.R
DS(ON) = 0.065Ω @VGS = 10V
R
DS(ON) = 0.095Ω @VGS = 4.5V.
• P-Channel -3.5A,-30V.R
DS(ON)= 0.085Ω @VGS = -10V
R
DS(ON)= 0.190 Ω @VGS = -4.5V.
• High density cell design for extremely low R
DS(ON).
• High power and current handling capability in a widely
    used surface mount package.
• Dual (N & P-Channel) MOSFET in surface mount
    package.
©1999 Fairchild Semiconductor Corporation
$EVROXWH 0D[LPXP 5DWLQJV U
$Ã2Ã!$ƒ8ȁyr††Ã‚‡ur…v†rÁ‚‡rq
6\PERO
3DUDPHWHU
1&KDQQHO
3&KDQQHO
8QLWV
W'66
9…hvT‚ˆ…prÃW‚y‡htr
"
"
W
W*66
Bh‡rT‚ˆ…prÃW‚y‡htr
!
!
W
D'
9…hvÃ8ˆ……r‡ Ã8‚‡vˆ‚ˆ†Ã
ÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃI‚‡rà h
"(
"$
6
ÃQˆy†rq
!
!
Q'
Q‚r…Ã9v††vƒh‡v‚Ãs‚…Ã9ˆhyÃPƒr…h‡v‚
!
X
Q‚r…Ã9v††vƒh‡v‚Ãs‚…ÃTvtyrÃPƒr…h‡v‚ÃÃÃÃÃÃÃÃÃÃÃÃI‚‡rà h
%
ÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃI‚‡rà i
ÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃÃI‚‡rà p
(
U-ÃU67*
Pƒr…h‡vtÃhqÃT‡‚…htrÃEˆp‡v‚ÃUr€ƒr…h‡ˆ…rÃShtr
$$ǂÃ $
°8
7KHUPDO &KDUDFWHULVWLFV
Sθ-$
Uur…€hyÃSr†v†‡hprÃEˆp‡v‚‡‚6€ivr‡
%!$
°8X
Sθ-&
Uur…€hyÃSr†v†‡hprÃEˆp‡v‚‡‚8h†r
ÃÃI‚‡rà 
#
°8X
3DFNDJH 0DUNLQJ DQG 2UGHULQJ ,QIRUPDWLRQ
9r‰vprÃHh…xvt
9r‰vpr
SrryÃTv“r
UhƒrÃXvq‡u
Rˆh‡v‡’
#$"!
Tv#$"!9`
!€€
!$ȁv‡†
ÃÃÃÃ9vrÃhqÀhˆshp‡ˆ…vtƂˆ…prƈiwrp‡Ã‡‚ÃpuhtrÐv‡u‚ˆ‡Ãƒ…v‚…Á‚‡vsvph‡v‚
'
62
'
'
'
6
6
*
*
General Description
These dual N- and P-Channel enhancement mode power
field effect transistors are produced using Fairchild's
propretary, high cell density, DMOS technology. This very
high density process is especially tailored to minimize
on-state resistance and provide superior switching
performance. These devices are particularly suited for
low voltage applications such as notebook computer
power management and other battery powered circuits
where fast switching, low in-line power loss, and
resistance to transients are needed.











Podobny numer części - SI4532DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
More results

Podobny opis - SI4532DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com