Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4822 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części SI4822
Szczegółowy opis  Single N-Channel, Logic Level, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4822 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  SI4822 Datasheet HTML 1Page - Fairchild Semiconductor SI4822 Datasheet HTML 2Page - Fairchild Semiconductor SI4822 Datasheet HTML 3Page - Fairchild Semiconductor SI4822 Datasheet HTML 4Page - Fairchild Semiconductor SI4822 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
(T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, I D = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
33
mV /
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55°C
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
-4.5
mV /
oC
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.6
3
V
T
J =125°C
0.8
1.3
2.4
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, I D = 12.5 A
0.008
0.0095
T
J =125°C
0.012
0.016
V
GS = 4.5 V, I D = 10.5 A
0.0105
0.013
I
D(ON)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
25
A
g
FS
Forward Transconductance
V
DS = 15 V, I D= 12.5 A
35
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 15 V, VGS = 0 V,
f = 1.0 MHz
2180
pF
C
oss
Output Capacitance
500
pF
C
rss
Reverse Transfer Capacitance
255
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DS= 10 V, I D= 1 A
13
24
ns
t
r
Turn - On Rise Time
V
GS = 10 V , RGEN = 6 Ω
14
26
ns
t
D(off)
Turn - Off Delay Time
43
70
ns
t
f
Turn - Off Fall Time
15
27
ns
Q
g
Total Gate Charge
V
DS = 15 V, I D = 12.5 A,
23
33
nC
Q
gs
Gate-Source Charge
V
GS= 5 V
7
nC
Q
gd
Gate-Drain Charge
11
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
2.1
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 2.1 A
(Note 2)
0.72
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is
guaranteed by design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
Si4822DY Rev.A
c. 125
OC/W on a 0.006 in2 pad
of 2oz copper.
b. 105
OC/W on a 0.04 in2
pad of 2oz copper.
a. 50
OC/W on a 1 in2 pad
of 2oz copper.


Podobny numer części - SI4822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4822 SILABS-SI4822 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4822 SILABS-SI4822 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4822 SILABS-SI4822 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-DEMO SILABS-SI4822-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
More results

Podobny opis - SI4822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6670A FAIRCHILD-FDS6670A_03 Datasheet
138Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
SI4412DY FAIRCHILD-SI4412DY Datasheet
267Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com