Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6644TR1PBF Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRF6644TR1PBF
Szczegółowy opis  Ideal for High Performance Isolated Converter Primary Switch Socket
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6644TR1PBF Arkusz danych(HTML) 9 Page - International Rectifier

Back Button IRF6644TR1PBF Datasheet HTML 2Page - International Rectifier IRF6644TR1PBF Datasheet HTML 3Page - International Rectifier IRF6644TR1PBF Datasheet HTML 4Page - International Rectifier IRF6644TR1PBF Datasheet HTML 5Page - International Rectifier IRF6644TR1PBF Datasheet HTML 6Page - International Rectifier IRF6644TR1PBF Datasheet HTML 7Page - International Rectifier IRF6644TR1PBF Datasheet HTML 8Page - International Rectifier IRF6644TR1PBF Datasheet HTML 9Page - International Rectifier IRF6644TR1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF6644PbF
www.irf.com
9
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.08/06
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6644TRPBF). For 1000 parts on 7"
reel, order IRF6644TR1PBF
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
DIMENSIONS
METRIC
IMPERIAL
LOADED TAPE FEED DIRECTION


Podobny numer części - IRF6644TR1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6644TRPBF IRF-IRF6644TRPBF Datasheet
260Kb / 10P
   DirectFET Power MOSFET
IRF6644TRPBF IRF-IRF6644TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

Podobny opis - IRF6644TR1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6646TR1PBF IRF-IRF6646TR1PBF Datasheet
655Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF7739L1TRPBF IRF-IRF7739L1TRPBF Datasheet
278Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
logo
Infineon Technologies A...
IRF7769L1TRPBF INFINEON-IRF7769L1TRPBF Datasheet
575Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch Socket
2016-10-14
logo
International Rectifier
IRF7171MTRPBF IRF-IRF7171MTRPBF Datasheet
751Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch
logo
List of Unclassifed Man...
2B22 ETC1-2B22 Datasheet
32Kb / 1P
   High Performance, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B22 INTRONICS-2B22 Datasheet
984Kb / 4P
   High performance, Isolated Voltage-to-current Converter
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF_15 Datasheet
645Kb / 10P
   Ideal for 24V input Primary Side Forward Converters
logo
TE Connectivity Ltd
16WGA1 TEC-16WGA1 Datasheet
211Kb / 3P
   High Performance, Low Cost Filter Ideal for Appliance Equipment
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
TOKO, Inc
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
   Ideal for DC-DC converter applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com