Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX125SJ Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74LVX125SJ
Szczegółowy opis  Low Voltage Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX125SJ Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74LVX125SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LVX125SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX125 Rev. 1.4.0
3
DC Electrical Characteristics
Noise Characteristics(2)
Note:
2. Input tr = tf = 3ns
Symbol
Parameter
VCC
Conditions
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ. Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.5
1.5
V
3.0
2.0
2.0
3.6
2.4
2.4
VIL
LOW Level Input
Voltage
2.0
0.5
0.5
V
3.0
0.8
0.8
3.6
0.8
0.8
VOH
HIGH Level Output
Voltage
2.0
VIN = VIL or VIH,
IOH = –50µA
1.9
2.0
1.9
V
3.0
VIN = VIL or VIH,
IOH = –50µA
2.9
3.0
2.9
VIN = VIL or VIH,
IOH = –4mA
2.58
2.48
VOL
LOW Level Output
Voltage
2.0
VIN = VIL or VIH,
IOL = 50µA
0.0
0.1
0.1
V
3.0
VIN = VIL or VIH,
IOL = 50µA
0.0
0.1
0.1
VIN = VIL or VIH,
IOL = 4mA
0.36
0.44
IOZ
3-STATE Output
Off-State Current
3.6
VIN = VIL or VIH,
VOUT = VCC or GND
±0.25
±2.5
µA
IIN
Input Leakage
Current
3.6
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
3.6
VIN = VCC or GND
4.0
40.0
µA
Symbol
Parameter
VCC (V)
CL (pF)
TA = 25°C
Units
Typ.
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
50
0.3
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
3.3
50
–0.3
–0.8
V
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
50
2.0
V
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
50
0.8
V


Podobny numer części - 74LVX125SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX125SJ FAIRCHILD-74LVX125SJ Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125SJ FAIRCHILD-74LVX125SJ Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVX125SJ ONSEMI-74LVX125SJ Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125SJ FAIRCHILD-74LVX125SJ_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Podobny opis - 74LVX125SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com