Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA15QS70-4 Arkusz danych(PDF) 8 Page - Littelfuse

Numer części LA15QS70-4
Szczegółowy opis  Traditional Semiconductor Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS70-4 Arkusz danych(HTML) 8 Page - Littelfuse

  LA15QS70-4 Datasheet HTML 1Page - Littelfuse LA15QS70-4 Datasheet HTML 2Page - Littelfuse LA15QS70-4 Datasheet HTML 3Page - Littelfuse LA15QS70-4 Datasheet HTML 4Page - Littelfuse LA15QS70-4 Datasheet HTML 5Page - Littelfuse LA15QS70-4 Datasheet HTML 6Page - Littelfuse LA15QS70-4 Datasheet HTML 7Page - Littelfuse LA15QS70-4 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 4-C-080613
8 of 8
la100p alTernaTe dimenSion SemiconducTor FuSeS
1000 VAC • Very Fast-Acting • 15-1000 A
Description
Littelfuse LA100P semiconductor protection fuses are rated
1000 V, extending the range of protection for UPS systems,
AC and DC drives, reduced voltage motor starters and
similar applications where lower I2t and superior reliability
are needed. With ratings from 15-1000 amperes, a wide
range of high voltage applications can be served.
Features/Benefits
Low I2t minimizes damage to protected components on
short-circuit.
Controlled arc voltage reduces stress to circuit
components during fuse clearing.
Specifications
Voltage Rating
AC: 1000 V
DC: 750 V
Interrupting Rating
100 kA
Ampere Range
15 – 1000 A
Approvals
UL Recognized
Web Resources
For additional information, visit: littelfuse.com/la100p
ampere
raTing
caTalog
number
mounTing
Type
maximum
clearing i2t
@1000 Vac
(a2s x 103)
WaTTS loSS
@ raTed
currenT (W)
15
LA100P15-1
1
0.6
3.4
20
LA100P20-1
1
0.8
5.9
25
LA100P25-1
1
1,3
9
30
LA100P30-1
1
1.5
12.8
35
LA100P35-4
4
2.2
7.3
40
LA100P40-4
4
2.9
8.3
50
LA100P50-4
4
4.5
11
60
LA100P60-4
4
6.5
13
80
LA100P80-4
4
12
14
100
LA100P100-4
4
18
18
125
LA100P125-4
4
28
23
150
LA100P150-4
4
41
28
200
LA100P200-4
4
72
36
225
LA100P225-4
4
91
40
250
LA100P250-4
4
110
46
300
LA100P300-4
4
160
55
350
LA100P350-4
4
220
65
400
LA100P400-4
4
290
70
500
LA100P500-4
4
450
90
600
LA100P600-4
4
650
110
650
LA100P650-4
4
780
120
700
LA100P700-4
4
880
125
800
LA100P800-4
4
1200
140
1000
LA100P1000-4
4
1900
190
Dimensions for reference only.
ampereS mounTing
Type
Figure
no.
dimenSionS incheS (mm)
a
b
c
d
e
F
g
h
J
15 – 30
1
1
2.53 (66.8)
0.56 (14.2)
35 – 60
4
2
5.00 (127)
1.00 (25.4)
3.50 (88.9)
4.31 (109)
4.19 (106)
0.31 (7.9)
0.75 (19.1)
0.13 (3.3)
65 – 100
4
2
5.00 (127)
1.22 (31)
3.50 (88.9)
4.31 (109)
4.19 (106)
0.31 (7.9)
1.00 (25.4)
0.19 (4.8)
125 – 200
4
2
5.72 (145)
1.50 (38.1)
3.47 (88.1)
4.78 (121)
4.16 (106)
0.41 (10.4)
1.00 (25.4)
0.25 (6.4)
225 – 400
4
2
5.72 (145)
2.00 (50.8)
3.47 (88.1)
4.78 (121)
4.16 (106)
0.41 (10.4)
1.50 (25.4)
0.25 (6.4)
500 – 600
4
2
7.72 (196)
2.50 (63.5)
3.47 (88.1)
5.88 (149)
5.56 (147)
0.53 (13.5)
2.00 (50.8)
0.38 (9.7)
650 – 800
4
3
7.44 (189)
2.88 (73.2)
3.94 (100)
5.94 (151)
0.63 (16)
2.00 (50.8)
0.38 (9.7)
0.31 (7.9)
1000
4
4
8.22 (209)
3.50 (88.9)
4.47 (114)
6.59 (167)
5.84 (148)
0.63 (16)
2.75 (69.9)
0.50 (12.7)
1.38 (35.1)
Optional Trigger Indicator (TI) for 50 A - 1000 A available
Contact Littelfuse for characteristic curves.
Figure 1
Figure 3
Figure 2
Figure 4
Dimensions
LA100P Series Semiconductor Fuses


Podobny numer części - LA15QS70-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS70-4TI LITTELFUSE-LA15QS70-4TI Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS70-4TI LITTELFUSE-LA15QS70-4TI Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
More results

Podobny opis - LA15QS70-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com