Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SIWC1365-6R5 Arkusz danych(PDF) 1 Page - Delta Electronics, Inc.

Numer części SIWC1365-6R5
Szczegółowy opis  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIWC1365-6R5 Arkusz danych(HTML) 1 Page - Delta Electronics, Inc.

  SIWC1365-6R5 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o
25 C: 1KHz, 1V
SIWC1365 Type
Features
RoHS compliant.
Low profile (6.8mm max. height) SMD type.
Magnetically shielded, suitable for high density mounting
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Idel for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
SMT Power Inductor
73
0.00
0.01
0.10
1.00
10.00 100.00
CURRENT (A)
1.00
10.00
100.00
1000.00
0R9
1R5
2R2
3R0
3R9
5R4
6R5
8R0
100
120
150
180
220
330
270
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
Electrical Characteristics:
1
SIWC1365-0R9
0.9
0.010
11.00
SIWC1365-1R5
1.5
0.012
10.00
SIWC1365-2R2
2.2
0.014
9.00
SIWC1365-3R0
3.0
0.016
8.00
SIWC1365-3R9
3.9
0.018
6.50
SIWC1365-5R4
5.4
0.020
6.00
SIWC1365-6R5
6.5
0.021
5.50
SIWC1365-8R0
8.0
0.022
5.00
SIWC1365-100
10.0
0.024
4.80
SIWC1365-120
12.0
0.026
4.60
SIWC1365-150
15.0
0.029
4.20
SIWC1365-180
18.0
0.034
3.70
SIWC1365-220
22.0
0.038
3.50
SIWC1365-270
27.0
0.044
3.20
SIWC1365-330
33.0
0.050
2.80
SIWC1365-390
39.0
0.060
2.60
SIWC1365-470
47.0
0.070
2.40
SIWC1365-560
56.0
0.090
2.20
SIWC1365-680
68.0
0.100
2.00
SIWC1365-820
82.0
0.138
1.80
SIWC1365-101
100.0
0.150
1.60
SIWC1365-121
120.0
0.185
1.40
SIWC1365-151
150.0
0.220
1.30
SIWC1365-181
180.0
0.250
1.10
SIWC1365-221
220.0
0.330
1.00
SIWC1365-271
270.0
0.395
0.95
SIWC1365-331
330.0
0.490
0.90
SIWC1365-391
390.0
0.564
0.80
SIWC1365-471
470.0
0.640
0.75
SIWC1365-561
560.0
0.800
0.68
SIWC1365-681
680.0
0.970
0.60
SIWC1365-821
820.0
1.300
0.55
SIWC1365-102
1000.0
1.500
0.45
PART NO.
L
(uH)
DCR
( )MAX
2
Irated
(Adc)
1. Tolerance of inductance :
20%.
2. Irated is the DC current which cause the inductance drop less than 20% of its nominal inductance without current
o
and the surface temperature of the part increase less than 45 C.
oo
3. Operating temperature: -20 C to 105 C (including self-temperature rise).
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
D
A
F
B
E
Mechanical Dimension:
UNIT:mm/inch
A = 13.0 / 0.512 Max.
B = 13.0 / 0.512 Max.
C = 6.5 0.3 / 0.256 0.012
D = 4.0 / 0.157
E = 2.0 / 0.079
F = 8.6 0.1 / 0.339 0.004
RECOMMENDED PAD PATTERNS
5.0
3.0
7.6


Podobny numer części - SIWC1365-6R5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
SIWC1365-6R5 DELTA-SIWC1365-6R5 Datasheet
97Kb / 1P
   SMT Power Inductor
More results

Podobny opis - SIWC1365-6R5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor