Zakładka z wyszukiwarką danych komponentów |
|
ADuM1440ARQZ Arkusz danych(PDF) 1 Page - Analog Devices |
|
ADuM1440ARQZ Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 24 page Micropower Quad-Channel Digital Isolators Data Sheet ADuM1440/ADuM1441/ADuM1442/ADuM1445/ADuM1446/ADuM1447 FEATURES Ultralow power operation 3.3 V operation (typical) 5.6 µA per channel quiescent current, refresh enabled 0.3 µA per channel quiescent current, refresh disabled 148 µA/Mbps per channel typical dynamic current 2.5 V operation (typical) 3.1 µA per channel quiescent current, refresh enabled 0.1 µA per channel quiescent current, refresh disabled 117 µA/Mbps per channel typical dynamic current Small, 16-lead QSOP Bidirectional communication Up to 2 Mbps data rate (NRZ) High temperature operation: 125°C High common-mode transient immunity: >25 kV/µs Safety and regulatory approvals UL 1577 Component Recognition Program (pending) 2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A (pending) VDE Certificate of Conformity (pending) DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 VIORM = 560 VPEAK APPLICATIONS General-purpose, low power multichannel isolation 1 MHz, low power peripheral interface (SPI) 4 mA to 20 mA loop process controls GENERAL DESCRIPTION The ADuM1440/ADuM1441/ADuM1442/ADuM1445/ ADuM1446/ADuM14471 are micropower, 4-channel digital isolators based on the Analog Devices, Inc., iCoupler® technology. Combining high speed, complementary metal oxide semiconductor (CMOS) and monolithic air core transformer technologies, these isolation components provide outstanding performance characteristics superior to the alternatives, such as optocoupler devices. As shown in Figure 2, in standard operating mode, when ENx = 0 (internal refresh enabled), the current per channel is less than 10 µA. When ENx = 1 (internal refresh disabled), the current per channel drops to less than 1 µA. FUNCTIONAL BLOCK DIAGRAM ENCODE DECODE ENCODE DECODE ENCODE DECODE ENCODE DECODE VDD1 GND1 VIA VIB VIC/VOC VID/VOD EN1 GND1 VDD2 GND2 VOA VOB VOC/VIC VOD/VID EN2 GND2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 ADuM144x QSOP Figure 1. The ADuM1440/ADuM1441/ADuM1442/ADuM1445/ ADuM1446/ADuM1447 family of quad 2.5 kV digital isolation devices are packaged in a small 16-lead QSOP, freeing almost 70% of board space compared to isolators packages in wide body SOIC packages. The devices withstand high isolation voltages and meet regulatory requirements, such as UL and CSA standards (pending). In addition to the space savings, the ADuM1440/ADuM1441/ADuM1442/ADuM1445/ADuM1446/ ADuM1447 operate with supplies as low as 2.25 V. Despite the low power consumption, all models of the ADuM1440/ ADuM1441/ADuM1442/ADuM1445/ADuM1446/ADuM1447 provide low, pulse width distortion at <8 ns. In addition, every model has an input glitch filter to protect against extraneous noise disturbances. 0.1 1 10 100 1000 0.1 1 10 100 1000 10000 DATA RATE (Mbps) ENx = 1 ENx = 0 Figure 2. Typical Total Supply Current per Channel (VDDx = 3.3 V) 1 Protected by U.S. Patents 5,952,849, 6,873,065, 7,075,329, 6,262,600. Other patents pending. Rev. 0 Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com |
Podobny numer części - ADuM1440ARQZ |
|
Podobny opis - ADuM1440ARQZ |