Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL377BCPZ-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADXL377BCPZ-RL7
Szczegółowy opis  Small, Low Power, 3-Axis 200 g Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL377BCPZ-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADXL377BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL377BCPZ-RL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADXL377
Data Sheet
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
The ADXL377 is a complete 3-axis acceleration measurement
system with a typical measurement range of ±200 g. The ADXL377
contains a polysilicon, surface-micromachined sensor and signal
conditioning circuitry to implement an open-loop acceleration
measurement architecture. The output signals are analog voltages
that are proportional to acceleration. The accelerometer can mea-
sure the static acceleration of gravity in tilt-sensing applications,
as well as dynamic acceleration resulting from motion, shock,
or vibration.
The sensor is a polysilicon, surface-micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide resistance
against acceleration forces. Deflection of the structure is mea-
sured using a differential capacitor that consists of independent
fixed plates and plates attached to the moving mass. The fixed
plates are driven by 180° out-of-phase square waves. Acceleration
deflects the moving mass and unbalances the differential capacitor,
resulting in a sensor output whose amplitude is proportional to
acceleration. Phase-sensitive demodulation techniques are then
used to determine the magnitude and direction of the acceleration.
The demodulator output is amplified and brought off chip through
a 32 kΩ resistor. The user then sets the signal bandwidth of the
device by adding a capacitor. This filtering improves measurement
resolution and helps prevent aliasing.
MECHANICAL SENSOR
The ADXL377 uses a single structure for sensing the accelera-
tion in the x-axis, y-axis, and z-axis. As a result, the three sense
directions are highly orthogonal with little cross-axis sensitivity.
Mechanical misalignment of the sensor die to the package or
misalignment of the package to the PCB is the chief source of
cross-axis sensitivity. Mechanical misalignment can be calibrated
at the system level.
PERFORMANCE
Rather than using additional temperature compensation circuitry,
the ADXL377 uses innovative design techniques to ensure high
performance. As a result, there is neither quantization error nor
nonmonotonic behavior, and temperature hysteresis is very low.


Podobny numer części - ADXL377BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
More results

Podobny opis - ADXL377BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
   3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com