Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL377BCPZ-RL Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL377BCPZ-RL
Szczegółowy opis  Small, Low Power, 3-Axis 200 g Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Data Sheet
ADXL377
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RES
1
ST
2
RES
3
YOUT
4
NC
12
NC
11
NC
10
NC
9
5
6
7
8
16
15
14
13
ADXL377
TOP VIEW
(Not to Scale)
+Z
+X
+Y
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD IS NOT INTERNALLY
CONNECTED, BUT SHOULD BE SOLDERED
FOR MECHANICAL INTEGRITY.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
RES
Reserved. This pin must be connected to GND or left open.
2
ST
Self-Test.
4
Y
OUT
Y Channel Output.
5
X
OUT
X Channel Output.
6, 7
GND
Must be connected to ground.
8 to 13
NC
No Connect. Not internally connected.
14, 15
V
S
Supply Voltage. 3.0 V typical.
16
Z
OUT
Z Channel Output.
EPAD
Exposed Pad. The exposed pad is not internally connected, but should be soldered for mechanical integrity.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl