Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL377BCPZ-RL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADXL377BCPZ-RL
Szczegółowy opis  Small, Low Power, 3-Axis 200 g Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL377BCPZ-RL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADXL377BCPZ-RL Datasheet HTML 3Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 4Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 5Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 6Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 7Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 8Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 9Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 10Page - Analog Devices ADXL377BCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADXL377
Rev. 0 | Page 7 of 12
25
0
5
10
15
20
SENSITIVITY (mV/g)
Figure 9. X-Axis Sensitivity at 25°C, VS = 3 V
30
25
0
5
10
15
20
SENSITIVITY (mV/g)
Figure 10. Y-Axis Sensitivity at 25°C, VS = 3 V
16
12
14
10
0
2
4
6
8
SENSITIVITY (mV/g)
Figure 11. Z-Axis Sensitivity at 25°C, VS = 3 V
250
200
150
100
50
0
REFERENCE ACCELERATION (g)
0
50
100
150
200
Z-AXIS
X-AXIS
Y-AXIS
Figure 12. Typical Output Linearity over the Dynamic Range
10
1
FREQUENCY (Hz)
10
100
1k
10k
X-AXIS, Y-AXIS RESPONSE
Z-AXIS RESPONSE
Figure 13. Typical Frequency Response


Podobny numer części - ADXL377BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL377BCPZ-RL AD-ADXL377BCPZ-RL Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
More results

Podobny opis - ADXL377BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
   3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com