Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR5044AKSZ-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADR5044AKSZ-REEL7
Szczegółowy opis  Precision Micropower Shunt Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR5044AKSZ-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADR5044AKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR5044AKSZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 9 of 16
10k
0.1
100
1k
10k
100k
1M
FREQUENCY (Hz)
1
10
100
1k
C = 0µF
C = 1µF
IIN = 150µA
IIN = 1mA
Figure 14. ADR5041 Output Impedance vs. Frequency
10k
1k
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 15. ADR5041 Voltage Noise Density
100
90
80
70
60
50
40
30
20
10
0
0
1
23
456
REVERSE VOLTAGE (V)
2.048V
2.5V
3V
4.096V
5V
Figure 16. ADR504x Reverse Characteristics and Minimum Operating Current
10k
0.1
100
1k
10k
100k
1M
FREQUENCY (Hz)
1
10
100
1k
C = 0µF
C = 1µF
IIN = 150µA
IIN = 1mA
Figure 17. ADR5045 Output Impedance vs. Frequency
10k
1k
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 18. ADR5045 Voltage Noise Density


Podobny numer części - ADR5044AKSZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR5044AKSZ-REEL7 AD-ADR5044AKSZ-REEL7 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results

Podobny opis - ADR5044AKSZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040 AD-ADR5040_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5041 AD-ADR5041_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com