Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS17 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części SS17
Szczegółowy opis  1.0 Ampere Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS17 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  SS17 Datasheet HTML 1Page - Fairchild Semiconductor SS17 Datasheet HTML 2Page - Fairchild Semiconductor SS17 Datasheet HTML 3Page - Fairchild Semiconductor SS17 Datasheet HTML 4Page - Fairchild Semiconductor SS17 Datasheet HTML 5Page - Fairchild Semiconductor SS17 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DO-214AC(SMA) Tape and Reel Data
July 2000, Rev. A
©2000 Fairchild Semiconductor International
DO-214AC(SMA) Packaging
Configuration: Figure 1.0
Components
DO-214AC(SMA) Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Cathode
Human
Readable
/Barcode
Label
Antistatic Cover Tape
Embossed Carrier Tape
Leader Tape
390mm minim m
Trailer Tape
160mm minim m or
Human Readable Label sample
336mm x 336mm x 38mm
Intermediate container for 13" reel option
Human
Readable/Barcode
Label (on top)
F63TNR Label sample
DO-214AC(SMA) Packaging Information
Note/Comments
Packaging Option
Packaging type
Reel Size (inch diameter)
Qty per Reel/Tube/Bag
Box Dimension (mm)
Max qty per Box
Weight per unit (gm)
Weight per Reel (kg)
Human readable label
Under package
code P5
TNR
13
7,500
336X336X38
15,000
0.064
0.860
Barcode label
Under package
code MA
TNR
13
5,000
340X350X340
10,000
0.064
0.750
Human readable/barcode Label
LOT: CBVK741B019
FSID: FMKA140
D/C1: T0012
QTY1:
SPEC REV:
SPEC:
QTY: 7500
D/C2:
QTY2:
CPN:
FAIRCHILD SEMICONDUCTOR INTERNATIONAL
(F63TNR)3.2
Packaging Description:
DO-214AC(SMA) parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. Alternate carrier tape is made of anti-
static plastic. The cover tape is a multilayer film (Heat
Activated Adhesive in nature) primarily composed of
polyester film, adhesive layer, sealant, and anti-static
sprayed agent. These reeled parts in standard option are
shipped with 7,500 units per 13" or 330cm diameter reel.
The reel comes in plastic or carton which is made of
polystyrene plastic (anti-static coated) and thick white
paper respectively. Further information is described in the
Packaging Information table.
These full reels are individually labeled and placed inside
a bleach box (illustrated in figure 1.0) made of recyclable
carton paper with a Fairchild logo printing. One box
contains two reels maximum. Certain number of these
boxes are placed inside shipping box which comes in
different sizes depending on the number of parts shipped.
DO-214AC(SMA) unit orientation
CAUTION: This container provides protection for static sensitive devices. Handle devices with caution upon removal.
MADE IN ONE OR MORE OF THE FOLLOWING COUNTRIES: PHILIPPINES (MACTAN,
EXPORT PROCESSING ZONE), MALAYSIA, CHINA, S. KOREA, TAIWAN, THAILAND,
SINGAPORE AND JAPAN.
ANTI-STATIC
FMKA140
I.D.
Qty
D/C
Lot
T0012
CBVK741B019
7500


Podobny numer części - SS17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
SS17 FRONTIER-SS17 Datasheet
1Mb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS17-LFR FRONTIER-SS17-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
VBsemi Electronics Co.,...
SS173 VBSEMI-SS173 Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Frontier Electronics.
SS17H FRONTIER-SS17H Datasheet
127Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Kemet Corporation
SS17HB-03225 KEMET-SS17HB-03225 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
More results

Podobny opis - SS17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
1N5817 FAIRCHILD-1N5817 Datasheet
36Kb / 2P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com