Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9863-50EBZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9863-50EBZ
Szczegółowy opis  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9863-50EBZ Arkusz danych(HTML) 4 Page - Analog Devices

  AD9863-50EBZ Datasheet HTML 1Page - Analog Devices AD9863-50EBZ Datasheet HTML 2Page - Analog Devices AD9863-50EBZ Datasheet HTML 3Page - Analog Devices AD9863-50EBZ Datasheet HTML 4Page - Analog Devices AD9863-50EBZ Datasheet HTML 5Page - Analog Devices AD9863-50EBZ Datasheet HTML 6Page - Analog Devices AD9863-50EBZ Datasheet HTML 7Page - Analog Devices AD9863-50EBZ Datasheet HTML 8Page - Analog Devices AD9863-50EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9863
Rev. A| Page 4 of 40
RX PATH SPECIFICATIONS
FADC = 50 MSPS; internal reference; differential analog inputs, ADC_AVDD = DVDD = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Rx PATH GENERAL
Resolution
Full
V
12
Bits
Maximum ADC Sample Rate
Full
IV
50
MSPS
Gain Mismatch Error
Full
V
±0.2
% FS
Offset Mismatch Error
Full
V
±0.1
% FS
Reference Voltage
Full
V
1.0
V
Reference Voltage (REFT–REFB) Error
Full
IV
−30
±6
+30
mV
Input Resistance (Differential)
Full
V
2
kΩ
Input Capacitance
Full
V
5
pF
Input Bandwidth
Full
V
30
MHz
Differential Analog Input Voltage Range
Full
V
2
V p-p differential
Rx PATH DC ACCURACY
Integral Nonlinearity (INL)
25°C
V
±0.75
LSB
Differential Nonlinearity (DNL)
25°C
V
±0.75
LSB
Aperture Delay
25°C
V
2.0
ns
Aperture Uncertainty (Jitter)
25°C
V
1.2
ps rms
Input Referred Noise
25°C
V
250
µV
AD9863 Rx PATH DYNAMIC PERFORMANCE
(VIN = –0.5 dBFS; FIN = 10 MHz)
SNR
Full
V
67
dBc
SINAD
Full
V
65.5
dBc
THD (Second to Ninth Harmonics)
Full
IV
−73
−66.6
dBc
SFDR, Wide Band (DC to Nyquist)
Full
IV
68.3
74
dBc
Crosstalk Between ADC Inputs
Full
V
80
dB


Podobny numer części - AD9863-50EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9863-50EB AD-AD9863-50EB Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
More results

Podobny opis - AD9863-50EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9860 AD-AD9860 Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9993 AD-AD9993 Datasheet
2Mb / 56P
   Integrated Mixed-Signal Front End (MxFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com