Zakładka z wyszukiwarką danych komponentów |
|
AD9863BCPRL-50 Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9863BCPRL-50 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 40 page Mixed-Signal Front-End (MxFE™) Baseband Transceiver for Broadband Applications AD9863 Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 © 2005 Analog Devices, Inc. All rights reserved. FEATURES Receive path includes dual 12-bit, 50 MSPS analog-to-digital converters with internal or external reference Transmit path includes dual 12-bit, 200 MSPS digital-to- analog converters with 1×, 2×, or 4× interpolation and programmable gain control Internal clock distribution block includes a programmable phase-locked loop and timing generation circuitry, allowing single-reference clock operation 24-pin flexible I/O data interface allows various interleaved or noninterleaved data transfers in half-duplex mode and interleaved data transfers in full-duplex mode Configurable through register programmability or optionally limited programmability through mode pins Independent Rx and Tx power-down control pins 64-lead LFCSP package (9 mm × 9 mm footprint) APPLICATIONS Broadband access Broadband LAN Communications (modems) FUNCTIONAL BLOCK DIAGRAM DATA MUX AND LATCH DATA LATCH AND DEMUX I/O INTERFACE CONFIGURATION BLOCK AD9863 I/O INTERFACE CONTROL FLEXIBLE I/O BUS [0:23] Rx DATA Tx DATA ADC VIN+A VIN–A ADC VIN+B VIN–B LOW-PASS INTERPOLATION FILTER DAC IOUT+A IOUT–A DAC IOUT+B IOUT–B CLKIN1 ADC CLOCK DAC CLOCK PLL CLKIN2 CLOCK GENERATION BLOCK Figure 1. GENERAL DESCRIPTION The AD9863 is a member of the MxFE family—a group of integrated converters for the communications market. The AD9863 integrates dual 12-bit analog-to-digital converters (ADC) and dual 12-bit digital-to-analog converters (TxDAC®). The AD9863 ADCs are optimized for ADC sampling of 50 MSPS and less. The dual TxDACs operate at speeds up to 200 MHz and include a bypassable 2× or 4× interpolation filter. The AD9863 is optimized for high performance, low power, and small form factor to provide a cost-effective solution for the broadband communications market. The AD9863 uses a single input clock pin (CLKIN) or two independent clocks for the Tx path and the Rx path. The ADC and TxDAC clocks are generated within a timing generation block that provides user programmable options such as divide circuits, PLL multipliers, and switches. A flexible, bidirectional 24-bit I/O bus accommodates a variety of custom digital back ends or open market DSPs. In half-duplex systems, the interface supports 24-bit parallel transfers or 12-bit interleaved transfers. In full-duplex systems, the interface supports a 12-bit interleaved ADC bus and a 12-bit interleaved TxDAC bus. The flexible I/O bus reduces pin count, also reducing the required package size on the AD9863 and the device to which it connects. The AD9863 can use either mode pins or a serial programma- ble interface (SPI) to configure the interface bus, operate the ADC in a low power mode, configure the TxDAC interpolation rate, and control ADC and TxDAC power-down. The SPI provides more programmable options for both the TxDAC path (for example, coarse and fine gain control and offset control for channel matching) and the ADC path (for example, the internal duty cycle stabilizer and twos complement data format). The AD9863 is packaged in a 64-lead LFCSP (low profile, fine pitched, chip scale package). The 64-lead LFCSP footprint is only 9 mm × 9 mm and is less than 0.9 mm high, fitting into such tightly spaced applications as PCMCIA cards. |
Podobny numer części - AD9863BCPRL-50 |
|
Podobny opis - AD9863BCPRL-50 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |