Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG508FBRNZ-REEL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADG508FBRNZ-REEL7
Szczegółowy opis  8-Channel/4-Channel Fault-Protected Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG508FBRNZ-REEL7 Arkusz danych(HTML) 1 Page - Analog Devices

  ADG508FBRNZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG508FBRNZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
8-Channel/4-Channel
Fault-Protected Analog Multiplexers
ADG508F/ADG509F
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2011 Analog Devices, Inc. All rights reserved.
FEATURES
All switches off with power supply off
Analog output of on channel clamped within power
supplies if an overvoltage occurs
Latch-up proof construction
Low on resistance (270 Ω typical)
Fast switching times
tON: 230 ns maximum
tOFF: 130 ns maximum
Low power dissipation (3.3 mW maximum)
Fault and overvoltage protection (−40 V to +55 V)
Break-before-make construction
TTL and CMOS compatible inputs
APPLICATIONS
Existing multiplexer applications (both fault-protected and
nonfault-protected)
New designs requiring multiplexer functions
GENERAL DESCRIPTION
The ADG508F and ADG509F are CMOS analog multi-
plexers, with the ADG508F comprising eight single channels
and the ADG509F comprising four differential channels. These
multiplexers provide fault protection. Using a series n-channel,
p-channel, n-channel MOSFET structure, both device and signal
source protection is provided in the event of an overvoltage or
power loss. The multiplexer can withstand continuous overvolt-
age inputs from −40 V to +55 V. During fault conditions with
power supplies off, the multiplexer input (or output) appears as
an open circuit and only a few nanoamperes of leakage current
will flow. This protects not only the multiplexer and the circuitry
driven by the multiplexer, but also protects the sensors or signal
sources that drive the multiplexer.
The ADG508F switches one of eight inputs to a common output
as determined by the 3-bit binary address lines A0, A1, and A2.
The ADG509F switches one of four differential inputs to a
common differential output as determined by the 2-bit binary
address lines A0 and A1. An EN input on each device is used
to enable or disable the device. When disabled, all channels are
switched off.
FUNCTIONAL BLOCK DIAGRAMS
S1
S8
A0
D
ADG508F
A1 A2 EN
1 OF 8
DECODER
Figure 1.
S1A
A0
DA
ADG509F
A1
S4A
S1B
S4B
DB
EN
1 OF 4
DECODER
Figure 2.
PRODUCT HIGHLIGHTS
1.
Fault protection. The ADG508F/ADG509F can withstand
continuous voltage inputs from −40 V to +55 V. When a
fault occurs due to the power supplies being turned off, all
the channels are turned off and only a leakage current of a
few nanoamperes flows.
2.
On channel saturates while fault exists.
3.
Low RON.
4.
Fast switching times.
5.
Break-before-make switching. Switches are guaranteed
break-before-make so that input signals are protected
against momentary shorting.
6.
Trench isolation eliminates latch-up. A dielectric trench
separates the p and n-channel MOSFETs thereby
preventing latch-up.


Podobny numer części - ADG508FBRNZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results

Podobny opis - ADG508FBRNZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
   8-Channel Fault-Protected Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com