Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG529AKRW Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG529AKRW
Szczegółowy opis  CMOS Latched 4-/8-Channel Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG529AKRW Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG529AKRW Datasheet HTML 3Page - Analog Devices ADG529AKRW Datasheet HTML 4Page - Analog Devices ADG529AKRW Datasheet HTML 5Page - Analog Devices ADG529AKRW Datasheet HTML 6Page - Analog Devices ADG529AKRW Datasheet HTML 7Page - Analog Devices ADG529AKRW Datasheet HTML 8Page - Analog Devices ADG529AKRW Datasheet HTML 9Page - Analog Devices ADG529AKRW Datasheet HTML 10Page - Analog Devices ADG529AKRW Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
Typical Performance Characteristics–ADG528A/ADG529A
–7–
The multiplexers are guaranteed functional with reduced single or dual supplies down to 4.5 V.
TPC 1. RON as a Function of VD(VS): Dual Supply
Voltage, TA = +25
°C
TPC 2. Leakage Current as a Function of Temperature
(Note: Leakage Currents Reduce as the Supply
Voltages Reduce)
TPC 3. RON as a Function of VD(VS): Single Supply
Voltage, TA = +25
°C
TPC 4. Trigger Levels vs. Power Supply Voltage,
Dual or Single Supply, TA = +25
°C
TPC 5. tTRANSITION vs. Supply Voltage: Dual and
Single Supplies, TA = +25
°C
(Note: For VDD and |VSS| < 10 V; V1 = VDD/VSS, V2 =
VSS/VDD. See Test Circuit 6)
TPC 6. IDD vs. Supply Voltage: Dual or Single
Supply, TA = +25
°C


Podobny numer części - ADG529AKRW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG529AKRW AD-ADG529AKRW Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529AKRW AD-ADG529AKRW Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529AKRW-REEL AD-ADG529AKRW-REEL Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529AKRW-REEL AD-ADG529AKRW-REEL Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529AKRW-REEL7 AD-ADG529AKRW-REEL7 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results

Podobny opis - ADG529AKRW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG528A AD-ADG528A_04 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
673Kb / 8P
   CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
REV. A
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A_08 Datasheet
422Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com