Zakładka z wyszukiwarką danych komponentów |
|
TDC1044AB9C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
TDC1044AB9C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 16 page www.fairchildsemi.com Features • 4-bit resolution • 1/4 LSB non-linearity • Sample-and-hold circuit not required • 25 Msps conversion rate • Selectable output format • 16-lead DIP and 20-lead PLCC packages Applications • Digital communications • Video special effects • Radar data conversion • Medical imaging Description The TDC1044A is a 25 Msps (Megasample per second) full- parallel analog-to-digital converter, capable of converting an analog signal with full-power frequency components up to 12.5 MHz into 4-bit digital words. Use of a sample-and-hold circuit is not necessary for operation of the TDC1044A. All digital inputs and outputs are TTL compatible. The TDC1044A consists of 15 latching comparators, encod- ing logic, and an output register. A single convert signal controls the conversion operation. Output formats are true/inverted binary or true/inverted offset two’s complement codes. TDC1044A Monolithic Video A/D Converter 4-Bit, 25 Msps Block Diagram R1 RM RT VIN CONV NLINV NMINV RB R R R R R REFERENCE RESISTOR CHAIN DIFFERENTIAL COMPARATORS (15) 15 TO 4 DECODER LATCH 1 2 14 15 8 4 65-1044A-01 D1–D4 R R/2 Rev. 1.1.2 |
Podobny numer części - TDC1044AB9C |
|
Podobny opis - TDC1044AB9C |