Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP100 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części TIP100
Szczegółowy opis  Monolithic Construction With Built In Base- Emitter Shunt Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP100 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  TIP100 Datasheet HTML 1Page - Fairchild Semiconductor TIP100 Datasheet HTML 2Page - Fairchild Semiconductor TIP100 Datasheet HTML 3Page - Fairchild Semiconductor TIP100 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
NPN Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP100
: TIP101
:TIP102
60
80
100
V
V
V
VCEO
Collector-Emitter Voltage : TIP100
: TIP101
: TIP102
60
80
100
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
8
A
ICP
Collector Current (Pulse)
15
A
IB
Base Current (DC)
1
A
PC
Collector Dissipation (Ta=25°C)
2
W
Collector Dissipation (TC=25°C)
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP100
: TIP101
: TIP102
IC = 30mA, IB = 0
60
80
100
V
V
V
ICEO
Collector Cut-off Current
: TIP100
: TIP101
: TIP102
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VCE = 50V, IB = 0
50
50
50
µA
µA
µA
ICBO
Collector Cut-off Current
: TIP100
: TIP101
: TIP102
VCE = 60V, IE = 0
VCE = 80V, IE = 0
VCE = 100V, IE = 0
50
50
50
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
2
mA
hFE
DC Current Gain
VCE = 4V, IC = 3A
VCE = 4V, IC = 8A
1000
200
20000
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 3A, IB = 6mA
IC = 8A, IB = 80mA
2
2.5
V
V
VBE(on)
Base-Emitter ON Voltage
VCE = 4V, IC = 8A
2.8
V
Cob
Output Capacitance
VCB = 10V, IE = 0, f = 0.1MHz
200
pF
TIP100/101/102
Monolithic Construction With Built In Base-
Emitter Shunt Resistors
• High DC Current Gain : hFE=1000 @ VCE=4V, IC=3A (Min.)
• Collector-Emitter Sustaining Voltage
• Low Collector-Emitter Saturation Voltage
• Industrial Use
• Complementary to TIP105/106/107
R110k
R20.6k
Equivalent Circuit
B
E
C
R1
R2
1.Base
2.Collector
3.Emitter
1
TO-220


Podobny numer części - TIP100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
167Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
249Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
More results

Podobny opis - TIP100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP140 FAIRCHILD-TIP140 Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
TIP141T FAIRCHILD-TIP141T Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP145T TAI-SAW-TIP145T Datasheet
536Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP120 SEMIHOW-TIP120 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP140T SEMIHOW-TIP140T Datasheet
571Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com