Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3330ART-5 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADP3330ART-5
Szczegółowy opis  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3330ART-5 Arkusz danych(HTML) 5 Page - Analog Devices

  ADP3330ART-5 Datasheet HTML 1Page - Analog Devices ADP3330ART-5 Datasheet HTML 2Page - Analog Devices ADP3330ART-5 Datasheet HTML 3Page - Analog Devices ADP3330ART-5 Datasheet HTML 4Page - Analog Devices ADP3330ART-5 Datasheet HTML 5Page - Analog Devices ADP3330ART-5 Datasheet HTML 6Page - Analog Devices ADP3330ART-5 Datasheet HTML 7Page - Analog Devices ADP3330ART-5 Datasheet HTML 8Page - Analog Devices ADP3330ART-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADP3330
–5–
REV. A
Typical Performance Characteristics–
INPUT VOLTAGE – Volts
3.010
3.002
2.996
3.25 456
789
10
11
12
3.008
3.006
3.000
2.998
3.004
2.994
2.992
2.990
VOUT = 3.0V
IL = 0mA
IL = 10mA
IL = 100mA
IL = 50mA
IL = 150mA
IL = 200mA
Figure 2. Line Regulation Output
Voltage vs. Supply Voltage
OUTPUT LOAD – mA
1.6
1.4
0.6
0
50
200
100
150
1.2
1.0
0.8
VIN = 7V
0.4
0.2
0
Figure 5. Ground Current vs. Load
Current
OUTPUT LOAD – mA
250
200
0
0
25
100
50
75
150
100
50
125
150
175
200
Figure 8. Dropout Voltage vs.
Output Current
OUTPUT LOAD – mA
3.005
2.998
0
25
50
75
100
125
150
175 200
3.004
3.003
3.002
3.001
3.000
2.999
VOUT = 3.0V
VIN = 7V
2.997
2.996
2.995
2.994
Figure 3. Output Voltage vs. Load
Current
0.2
0.4
–45 –25
135
–5
15
35
75
95
115
55
0.1
0.0
–0.1
0.3
JUNCTION TEMPERATURE – C
IL = 50mA
IL = 0mA
IL = 150mA
IL = 200mA
Figure 6. Output Voltage Variation %
vs. Junction Temperature
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1.0
2.0
3.0
4.0
5.0
TIME – Sec
VOUT = 3V
SD = VIN
RL = 15
Figure 9. Power-Up/Power-Down
INPUT VOLTAGE – Volts
45
40
20
0
2
4
6
8
10
12
35
30
25
VOUT = 3V
15
10
5
0
IL = 100 A
IL = 0 A
Figure 4. Ground Current vs. Supply
Voltage
JUNCTION TEMPERATURE – C
3.0
2.8
0
–45 –25
115
–5
15
35
55
75
95
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
135
VIN = 7V
IL = 0mA
IL = 100mA
IL = 50mA
IL = 150mA
IL = 200mA
Figure 7. Ground Current vs. Junction
Temperature
3
2
1
0
10
5
0
0
100
200
300
400
500
TIME –
s
VIN = 7V
VOUT = 3V
SD = VIN
RL = 15
CL = 10 F
CL = 0.47 F
Figure 10. Power-Up Response


Podobny numer części - ADP3330ART-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3330ART-5 AD-ADP3330ART-5 Datasheet
137Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-5 AD-ADP3330ART-5 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-5 AD-ADP3330ART-5 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-5 AD-ADP3330ART-5 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results

Podobny opis - ADP3330ART-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ARTZ-2.5-R7 AD-ADP3330ARTZ-2.5-R7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
   Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. 0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com