Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP29C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części TIP29C
Szczegółowy opis  Medium Power Linear Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP29C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  TIP29C Datasheet HTML 1Page - Fairchild Semiconductor TIP29C Datasheet HTML 2Page - Fairchild Semiconductor TIP29C Datasheet HTML 3Page - Fairchild Semiconductor TIP29C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP29
: TIP29A
: TIP29B
: TIP29C
40
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage : TIP29
: TIP29A
: TIP29B
: TIP29C
40
60
80
100
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
1
A
ICP
Collector Current (Pulse)
3
A
IB
Base Current
0.4
A
PC
Collector Dissipation (TC=25°C)
30
W
Collector Dissipation (Ta=25°C)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
*Collector-Emitter Sustaining Voltage
: TIP29
: TIP29A
: TIP29B
: TIP29C
IC = 30mA, IB = 0
40
60
80
100
V
V
V
V
ICEO
Collector Cut-off Current
: TIP29/29A
: TIP29B/29C
VCE = 30V, IB = 0
VCE = 60V, IB = 0
0.3
0.3
mA
mA
ICES
Collector Cut-off Current
: TIP29
: TIP29A
: TIP29B
: TIP29C
VCE = 40V, VEB = 0
VCE = 60V, VEB = 0
VCE = 80V, VEB = 0
VCE = 100V, VEB = 0
200
200
200
200
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1.0
mA
hFE
*DC Current Gain
VCE = 4V, IC = 0.2A
VCE = 4V, IC = 1A
40
15
75
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1A, IB = 125mA
0.7
V
VBE(sat)
*Base-Emitter Saturation Voltage
VCE = 4V, IC = 1A
1.3
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 200mA
3.0
MHz
TIP29 Series(TIP29/29A/29B/29C)
Medium Power Linear Switching Applications
• Complementary to TIP30/30A/30B/30C
1.Base
2.Collector
3.Emitter
1
TO-220


Podobny numer części - TIP29C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP29C MOSPEC-TIP29C Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Rectron Semiconductor
TIP29C RECTRON-TIP29C Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
TIP29C MOTOROLA-TIP29C Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
Micro Commercial Compon...
TIP29C MCC-TIP29C Datasheet
163Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
ON Semiconductor
TIP29C ONSEMI-TIP29C Datasheet
137Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
More results

Podobny opis - TIP29C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP41C JSMC-TIP41C Datasheet
243Kb / 4P
   Medium Power Linear Switching Applications
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
   Medium Power Linear Switching Applications
logo
Fairchild Semiconductor
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
   Medium Power Linear Switching Applications
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
Rectron Semiconductor
TIP31CK RECTRON-TIP31CK Datasheet
344Kb / 4P
   Medium Power Linear Switching Applications
logo
First Components Intern...
TIP168A FCI-TIP168A Datasheet
108Kb / 2P
   MEDIUM POWER LINEAR SWITCHING APPLICATIONS
logo
SemiHow Co.,Ltd.
TIP32 SEMIHOW-TIP32 Datasheet
479Kb / 5P
   Medium Power Linear Switching Applications
TIP42 SEMIHOW-TIP42 Datasheet
481Kb / 5P
   Medium Power Linear Switching Applications
TIP31 SEMIHOW-TIP31 Datasheet
484Kb / 5P
   Medium Power Linear Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com