Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32B Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części TIP32B
Szczegółowy opis  Medium Power Linear Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP32B Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  TIP32B Datasheet HTML 1Page - Fairchild Semiconductor TIP32B Datasheet HTML 2Page - Fairchild Semiconductor TIP32B Datasheet HTML 3Page - Fairchild Semiconductor TIP32B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
-1
-10
-100
-1000
-10000
1
10
100
1000
VCE = -4V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-10000
-10
-100
-1000
-10000
IC/IB = 10
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-10
-100
-0.1
-1
-10
100
µs
TIP32C VCEO MAX.
TIP32B VCEO MAX.
TIP32A VCEO MAX.
TIP32 VCEO MAX.
IC(MAX) (DC)
IC(MAX) (PULSE)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
45
50
TC[
oC], CASE TEMPERATURE


Podobny numer części - TIP32B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP32B MOSPEC-TIP32B Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Micro Commercial Compon...
TIP32B MCC-TIP32B Datasheet
125Kb / 2P
   Silicon PNP Power Transistors
logo
Jiangsu Changjiang Elec...
TIP32B JIANGSU-TIP32B Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Motorola, Inc
TIP32B MOTOROLA-TIP32B Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Micro Commercial Compon...
TIP32B MCC-TIP32B Datasheet
214Kb / 2P
   Silicon PNP Power Transistors
More results

Podobny opis - TIP32B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP41C JSMC-TIP41C Datasheet
243Kb / 4P
   Medium Power Linear Switching Applications
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
   Medium Power Linear Switching Applications
logo
Fairchild Semiconductor
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
   Medium Power Linear Switching Applications
logo
Rectron Semiconductor
TIP31CK RECTRON-TIP31CK Datasheet
344Kb / 4P
   Medium Power Linear Switching Applications
logo
First Components Intern...
TIP168A FCI-TIP168A Datasheet
108Kb / 2P
   MEDIUM POWER LINEAR SWITCHING APPLICATIONS
logo
SemiHow Co.,Ltd.
TIP32 SEMIHOW-TIP32 Datasheet
479Kb / 5P
   Medium Power Linear Switching Applications
TIP42 SEMIHOW-TIP42 Datasheet
481Kb / 5P
   Medium Power Linear Switching Applications
TIP31 SEMIHOW-TIP31 Datasheet
484Kb / 5P
   Medium Power Linear Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com