Zakładka z wyszukiwarką danych komponentów |
|
TIP32C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
TIP32C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page ©2000 Fairchild Semiconductor International Rev. A, February 2000 PNP Epitaxial Silicon Transistor Absolute Maximum Ratings T C=25°C unless otherwise noted Electrical Characteristics T C=25°C unless otherwise noted * Pulse Test: PW ≤300µs, Duty Cycle≤2% Symbol Parameter Value Units VCBO Collector-Base Voltage : TIP32 : TIP32A : TIP32B : TIP32C - 40 - 60 - 80 - 100 V V V V VCEO Collector-Emitter Voltage : TIP32 : TIP32A : TIP32B : TIP32C - 40 - 60 - 80 -100 V V V V VEBO Emitter-Base Voltage - 5 V IC Collector Current (DC) - 3 A ICP Collector Current (Pulse) - 5 A IB Base Current - 3 A PC Collector Dissipation (TC=25°C) 40 W PC Collector Dissipation (Ta=25°C) 2 W TJ Junction Temperature 150 °C TSTG Storage Temperature - 65 ~ 150 °C Symbol Parameter Test Condition Min. Max. Units VCEO(sus) * Collector-Emitter Sustaining Voltage : TIP32 : TIP32A : TIP32B : TIP32C IC = - 30mA, IB = 0 -40 -60 -80 -100 V V V V ICEO Collector Cut-off Current : TIP32/32A : TIP32B/32C VCE = - 30V, IB = 0 VCE = - 60V, IB = 0 - 0.3 - 0.3 mA mA ICES Collector Cut-off Current : TIP32 : TIP32A : TIP32B : TIP32C VCE = - 40V, VEB = 0 VCE = - 60V, VEB = 0 VCE = - 80V, VEB = 0 VCE = - 100V, VCE = 0 - 200 - 200 - 200 - 200 µA µA µA µA IEBO Emitter Cut-off Current VEB = - 5V, IC = 0 - 1 mA hFE * DC Current Gain VCE = - 4V, IC = - 1A VCE = - 4V, IC = - 3A 25 10 50 VCE(sat) * Collector-Emitter Saturation Voltage IC = - 3A, IB = - 375mA - 1.2 V VBE(sat) * Base-Emitter Saturation Voltage VCE = - 4V, IC = - 3A - 1.8 V fT Current Gain Bandwidth Product VCE = - 10V, IC = - 500mA 3.0 MHz TIP32 Series(TIP32/32A/32B/32C) Medium Power Linear Switching Applications • Complement to TIP31/31A/31B/31C 1.Base 2.Collector 3.Emitter 1 TO-220 |
Podobny numer części - TIP32C |
|
Podobny opis - TIP32C |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |