Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1836ACSZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD1836ACSZ
Szczegółowy opis  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1836ACSZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD1836ACSZ Datasheet HTML 6Page - Analog Devices AD1836ACSZ Datasheet HTML 7Page - Analog Devices AD1836ACSZ Datasheet HTML 8Page - Analog Devices AD1836ACSZ Datasheet HTML 9Page - Analog Devices AD1836ACSZ Datasheet HTML 10Page - Analog Devices AD1836ACSZ Datasheet HTML 11Page - Analog Devices AD1836ACSZ Datasheet HTML 12Page - Analog Devices AD1836ACSZ Datasheet HTML 13Page - Analog Devices AD1836ACSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD1836A
Data Sheet
Rev. A | Page 10 of 24
Pin No.
In/Out
Mnemonic
Description
27
I
ADC2INRP/CAPR2
ADC2 Right Positive Input (Direct Mode)/ADC2 Right Decoupling Capacitor
(MUX/PGA and PGA Differential Mode).
28
I
AGND
Analog Ground.
29
I
AGND
Analog Ground.
30
O
OUTRN1
DAC 1 Right Negative Output.
31
O
OUTRP1
DAC 1 Right Positive Output.
32
O
OUTRN2
DAC 2 Right Negative Output.
33
O
OUTRP2
DAC 2 Right Positive Output.
34
O
OUTRN3
DAC 3 Right Negative Output.
35
O
OUTRP3
DAC 3 Right Positive Output.
36
I/O
DLRCLK
LR Clock for DACs.
37
I/O
DBCLK
Bit Clock for DACs.
38
I
DSDATA1
DAC Input 1 (Input to DAC 1 L and R).
39
I
DGND
Digital Ground.
40
I
DVDD
Digital Power Supply. Connect to digital 5 V supply.
41
I
DSDATA2
DAC Input 2 (Input to DAC 2 L and R).
42
I
DSDATA3
DAC Input 3 (Input to DAC 3 L and R).
43
O
ABCLK
Bit Clock for ADCs.
44
O
ALRCLK
LR Clock for ADCs.
45
I
MCLK
Master Clock Input.
46
I
ODVDD
Digital Output Driver Power Supply. Connect to 3.3 V or 5 V logic supply.
47
O
ASDATA1
ADC Serial Data Output 1 (ADC 1 L and R).
48
O
ASDATA2
ADC Serial Data Output 2 (ADC 2 L and R).
49
O
COUT
Output for Control Data.
50
I
CLATCH
Latch Input for Control Data.
51
I
CCLK
Control Clock Input for Control Data.
52
I
DGND
Digital Ground.


Podobny numer części - AD1836ACSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1836ACS AD-AD1836ACS Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836ACSRL AD-AD1836ACSRL Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
More results

Podobny opis - AD1836ACSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com