Zakładka z wyszukiwarką danych komponentów |
|
AD1861N Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD1861N Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 12 page REV. A –2– AD1851/AD1861–SPECIFICATIONS (T A @ +25 C and 5 V supplies, unless otherwise noted) NC = NO CONNECT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 16-BIT LATCH 16-BIT DAC SERIAL INPUT REGISTER CONTROL LOGIC AD1851 DGND NC CLK LE DATA TRIM MSB ADJ AGND SJ NC –VS +VL +VS IOUT RF VOUT IOUT AD1851 Functional Block Diagram NC = NO CONNECT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 16-BIT LATCH 16-BIT DAC SERIAL INPUT REGISTER CONTROL LOGIC AD1851 DGND NC CLK LE DATA TRIM MSB ADJ AGND SJ NC –VS +VL +VS IOUT RF VOUT IOUT AD1861 Functional Block Diagram Min Typ Max Units DIGITAL INPUTS VIH 2.0 +VL V VIL 0.8 V IIH, VIH = VL 1.0 µA IIL, VIL = 0.4 –10 µA ACCURACY Gain Error ±1% Midscale Output Voltage ±10 mV DRIFT (0 °C to +70°C) Total Drift ±25 ppm of FSR/ °C Bipolar Zero Drift ±4 ppm of FSR/ °C SETTLING TIME (To ±0.0015% of FSR) Voltage Output 6 V Step 1.5 µs 1 LSB Step 1.0 µs Slew Rate 9 V/ µs Current Output 1 mA Step 10 Ω to 100 Ω Load 350 ns 1 k Ω Load 350 ns OUTPUT Voltage Output Configuration Bipolar Range 2.88 ±3.0 3.12 V Output Current ±8mA Output Impedance 0.1 Ω Short Circuit Duration Indefinite to Common Current Output Configuration Bipolar Range ( ±30%) ±1.0 mA Output Impedance ( ±30%) 1.7 k Ω POWER SUPPLY Voltage +VL and +VS 4.75 5.25 V –VS –5.25 –4.75 V TEMPERATURE RANGE Specification 0 +25 +70 °C Operation –25 +70 °C Storage –60 +100 °C WARM-UP TIME 1 min Specifications subject to change without notice. |
Podobny numer części - AD1861N |
|
Podobny opis - AD1861N |