Zakładka z wyszukiwarką danych komponentów |
|
AD5161BRM50 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD5161BRM50 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 20 page AD5161 Data Sheet Rev. B | Page 6 of 20 ABSOLUTE MAXIMUM RATINGS1 TA = 25°C, unless otherwise noted. Table 4. Parameter Value V DD to GND –0.3 V to +7 V V A, VB, VW to GND V DD I MAX 1 ±20 mA Digital Inputs and Output Voltage to GND 0 V to +7 V Operating Temperature Range –40°C to +125°C Maximum Junction Temperature (T JMAX) 150°C Storage Temperature Range –65°C to +150°C Lead Temperature (Soldering, 10 sec) 300°C Thermal Resistance2 θ JA (10-Lead MSOP) 200°C/W NOTES 1 Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and maximum applied voltage across any two of the A, B, and W terminals at a given resistance. 2 Package power dissipation = (T JMAX – TA)/θJA. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Podobny numer części - AD5161BRM50 |
|
Podobny opis - AD5161BRM50 |